Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3202 Datasheet (PDF) - Texas Instruments

TAS3202 Datasheet PDF - Texas Instruments
Part # TAS3202
Download  TAS3202 Download
File Size   964.88 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DSP WITH ANALOG INTERFACE

TAS3202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS3202 Datasheet PDF - Texas Instruments

Part # TAS3202
Download  TAS3202 Click to download

File Size   964.88 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DSP WITH ANALOG INTERFACE

TAS3202 Datasheet (HTML) - Texas Instruments


TAS3202 Product details

1.1 Features
1
• High-Quality Audio Performance:
102-dB Analog-to-Digital Converter
(ADC)/105-dB Digital-to-Analog Converter
(DAC) (Typical) DNR
• Two Differential Stereo Analog Inputs
Multiplexed to One Stereo Input ADC
• One Differential Stereo Output DAC
• Two Serial Audio Inputs (Four Channels) and Two Serial Audio Outputs (Four Channels)
• 135-MHz Maximum Speed, >2812 Total
Processing Cycles Per Sample at 48 kHz (2000
Available for Application Code)
• 512×Fs XTAL Input in Master Mode,
512×Fs MCLK_IN in Slave Mode
• 48-kHz Sample Rate in Clock Master Mode
• 44.1-kHz or 48-kHz Sample Rate in Clock Slave
Mode
• 48-Bit Data Path and 28-Bit Coefficients
• 768 Words of 48-Bit Data Memory
• 1022 Words of 28-Bit Coefficient Memory
• 3K Words of 55-Bit Program RAM
• Hardware Single-Cycle Multiplier (28×48)
• 5.88K Words of 24-Bit Delay Memory
(122.5 ms at 48 kHz)
• Data Formats: Left Justified, Right Justified,
and I2S
• Two I2C Ports for Slave/Master Download
• Single 3.3-V Power Supply

1.2 Applications
• MP3 Docking Systems
• Digital Televisions
• Mini-Component Audio

1.3 Description
The TAS3202 is an audio system-on-a-chip (SOC) designed for mini/micro systems, multimedia-speaker,
and MP3 player docking systems. It includes analog interface functions: two multiplex (MUX) stereo inputs
with one stereo analog-to-digital converter (ADC) and one stereo digital-to-analog converter (DAC) with
analog outputs consisting of differential stereo line drivers. Four channels of serial digital audio processing
are also provided. The TAS3202 has a programmable audio digital signal processor (DSP) that preserves
high-quality audio by using a 48-bit data path, 28-bit filter coefficients, and a single-cycle 28×48-bit
multiplier. The programmability feature allows users to customize features in the DSP RAM.
The TAS3202 is composed of eight functional blocks:
1. Analog input/mux/stereo ADC
2. Stereo DAC
3. Analog reference system
4. Power supply
5. Clocks, digital PLL, and serial data interface
6. I2C control interface
7. 8051 microcontroller
8. Audio DSP – digital audio processing




Similar Part No. - TAS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAG TI1-TAS3202PAG Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAGR TI1-TAS3202PAGR Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
More results


Similar Description - TAS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
ANALOG INTERFACE FOR DSP
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com