Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5352ADDVR Datasheet (PDF) - Texas Instruments

TAS5352ADDVR Datasheet PDF - Texas Instruments
Part # TAS5352ADDVR
Download  TAS5352ADDVR Download
File Size   874.49 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5352A 125-W Stereo Digital Amplifier Power Stage

TAS5352ADDVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5352ADDVR Datasheet PDF - Texas Instruments

Part # TAS5352ADDVR
Download  TAS5352ADDVR Click to download

File Size   874.49 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5352A 125-W Stereo Digital Amplifier Power Stage

TAS5352ADDVR Datasheet (HTML) - Texas Instruments


TAS5352ADDVR Product details

1 Features
1• Total Power Output (Bridge-Tied Load)
– 2 × 125 W at 10% THD+N Into 4 Ω
– 2 × 100 W at 10% THD+N Into 6 Ω
• Total Power Output (Single-Ended)
– 4 × 45 W at 10% THD+N Into 3 Ω
– 4 × 35 W at 10% THD+N Into 4 Ω
• Total Power Output (Parallel Mode)
– 1 × 250 W at 10% THD+N Into 2 Ω
– 1 × 195 W at 10% THD+N Into 3 Ω
• >110 dB SNR (A-Weighted With TAS5518
Modulator)
• <0.1% THD+N (1 W, 1 kHz)
• Supports PWM Frame Rates of 192 kHz to
432 kHz
• Resistor-Programmable Current Limit
• Integrated Self-Protection Circuitry, Including:
– Undervoltage Protection
– Overtemperature Warning and Error
– Overload Protection
– Short-Circuit Protection
– PWM Activity Detector
• Stand-Alone Protection Recovery
• Power-On-Reset (POR) to Eliminate System
Power-Supply Sequencing
• High-Efficiency Power Stage (>90%) With 80-mΩ
Output MOSFETs
• Thermally Enhanced 44-Pin HTSSOP Package
(DDV)
• Error Reporting, 3.3-V and 5-V Compliant
• EMI Compliant When Used With Recommended
System Design

2 Applications
• Mini and Micro Audio Systems
• DVD Receivers
• Home Theaters

3 Description
The TAS5352A device is a high-performance,
integrated stereo digital amplifier power stage
designed to drive a 4-Ω bridge-tied load (BTL) at up
to 125 W per channel with low harmonic distortion,
low integrated noise, and low idle current.
The TAS5352A has a complete protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These protection features are short-circuit
protection, overcurrent protection, undervoltage
protection, overtemperature protection, and a loss of
PWM signal (PWM activity detector).
A power-on-reset (POR) circuit is used to eliminate
power-supply sequencing that is required for most
power-stage designs.




Similar Part No. - TAS5352ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5352ADDVR TI-TAS5352ADDVR Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Similar Description - TAS5352ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com