Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5352ADDVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5352ADDVR
Description  TAS5352A 125-W Stereo Digital Amplifier Power Stage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5352ADDVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5352ADDVR Datasheet HTML 3Page - Texas Instruments TAS5352ADDVR Datasheet HTML 4Page - Texas Instruments TAS5352ADDVR Datasheet HTML 5Page - Texas Instruments TAS5352ADDVR Datasheet HTML 6Page - Texas Instruments TAS5352ADDVR Datasheet HTML 7Page - Texas Instruments TAS5352ADDVR Datasheet HTML 8Page - Texas Instruments TAS5352ADDVR Datasheet HTML 9Page - Texas Instruments TAS5352ADDVR Datasheet HTML 10Page - Texas Instruments TAS5352ADDVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TAS5352A
www.ti.com
SLES239A – NOVEMBER 2008 – REVISED DECEMBER 2016
Product Folder Links: TAS5352A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
PVDD_x = 34.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 25°C, and fS = 384 kHz (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OTE-OTWdifferential
(1)
OTE - OTW differential
Temperature delta between OTW and
OTE
30
°C
OLPC
Overload protection counter
fS = 384 kHz
1.25
ms
IOC
Overcurrent limit protection
Resistor—programmable, high-end,
ROC = 22 kΩ with 1-mS pulse
10.9
A
IOCT
Overcurrent response time
150
ns
tACTIVITY DETECTOR
Time for PWM activity detector to
activate when no PWM is present
Lack of transition of any PWM input
13.2
μS
IPD
Output pulldown current of each half-
bridge
Connected when RESET is active to
provide bootstrap capacitor charge. Not
used in SE mode.
3
mA
STATIC DIGITAL SPECIFICATIONS
VIH
High-level input voltage
PWM_A, PWM_B, PWM_C, PWM_D,
M1, M2, M3, RESET_AB, RESET_CD
2
V
VIL
Low-level input voltage
0.8
V
ILeakage
Input leakage current
100
μA
OTW/SHUTDOWN (SD)
RINT_PU
Internal pullup resistance, OTW to
VREG, SD to VREG
20
26
32
k
Ω
VOH
High-level output voltage
Internal pullup resistor
3
3.3
3.6
V
External pullup of 4.7 k
Ω to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
FANOUT
Device fanout OTW, SD
No external pullup
30
Devices
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
6.6 Audio Specifications (BTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM processor (modulation index limited to 97.7%)
and a TAS5352A power stage. PCB and system configuration are in accordance with recommended guidelines. Audio
frequency = 1 kHz, PVDD_x = 34.5 V, GVDD_x = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C, output filter: LDEM =
10 μH, CDEM = 470 nF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POMAX
Maximum power output
RL = 4 Ω, 10% THD+N, clipped input signal
125
W
RL = 6 Ω, 10% THD+N, clipped input signal
100
RL = 8 Ω, 10% THD+N, clipped input signal
76
PO
Unclipped power output
RL = 4 Ω, 0 dBFS, unclipped input signal
96
RL = 6 Ω, 0 dBFS, unclipped input signal
72
RL = 8 Ω, 0 dBFS, unclipped input signal
57
THD+N
Total harmonic distortion + noise
0 dBFS, AES17 filter
0.4%
1 W, AES17 filter
0.09%
Vn
Output integrated noise
A-weighted, AES17 filter, Auto mute
disabled
50
μV
SNR
Signal-to-noise ratio(1)
A-weighted, AES17 filter, Auto mute
disabled
110
dB
DNR
Dynamic range
A-weighted, input level = –60 dBFS, AES17
filter
110
dB
DC Offset
Output offset voltage
±15
mV
Pidle
Power dissipation due to idle losses
(IPVDD_X)
PO = 0 W, all half-bridges switching
(2)
2.6
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com