Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5352ADDVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5352ADDVR
Description  TAS5352A 125-W Stereo Digital Amplifier Power Stage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5352ADDVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5352ADDVR Datasheet HTML 18Page - Texas Instruments TAS5352ADDVR Datasheet HTML 19Page - Texas Instruments TAS5352ADDVR Datasheet HTML 20Page - Texas Instruments TAS5352ADDVR Datasheet HTML 21Page - Texas Instruments TAS5352ADDVR Datasheet HTML 22Page - Texas Instruments TAS5352ADDVR Datasheet HTML 23Page - Texas Instruments TAS5352ADDVR Datasheet HTML 24Page - Texas Instruments TAS5352ADDVR Datasheet HTML 25Page - Texas Instruments TAS5352ADDVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
GVDD (+12 V)
VDD (+12 V)
PVDD
PVDD
GVDD (+12 V)
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
TAS5508/18
PWM1_P
PWM1_M
VALID
Microcontroller
I2C
10 µH
10 µH
100 nF
TAS5352ADDV
GVDD_B
OTW
SD
PWM_A
RESET_AB
PWM_B
OC_ADJ
GND
AGND
VREG
M3
M2
M1
PWM_C
RESET_CD
PWM_D
GVDD_C
GVDD_D
BST_D
PVDD_D
OUT_D
GND_D
GND_C
OUT_C
PVDD_C
BST_C
BST_B
PVDD_B
OUT_B
GND_B
GND_A
VDD
GVDD_A
BST_A
PVDD_A
OUT_A
NC
NC
NC
NC
NC
PVDD_D
PVDD_A
NC
25 V
33 nF
100 nF
50 V
100 nF
1 µF
100 nF
50 V
10 µH
470 µF
50 V
470 F
µ
50 V
33 nF 25 V
3.3 W
100 nF
0 W
22 k
100 nF
33 nF 25 V
100 nF
50 V
10 nF
50 V
100 nF
100 nF
100 nF
50 V
33 nF
25V
100 nF
50 V
100 nF
10 µH
3.3 W
10 nF
50 V
10 nF
50 V
3.3 W
1 nF
50 V
1 nF
50 V
3.3 W
10 nF
50 V
2.2 W
2.2 W
2.2 W
2.2 W
1R
Copyright © 2016, Texas Instruments Incorporated
22
TAS5352A
SLES239A – NOVEMBER 2008 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TAS5352A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.2.3.1 Design Requirements
Table 8 lists the design requirements for this example.
Table 8. Design Requirements for Typical SE
DESIGN PARAMETER
EXAMPLE
Low Power (Pullup) Supply
3.3 V
Mid Power Supply (GVDD, VDD)
12 V
High Power Supply (PVDD)
12 – 36 V
PWM Inputs
INPUT A = 0 – 3.3 V PWM
INPUT_B = 0 – 3.3 V PWM
INPUT_C = 0 – 3.3 V PWM
INPUT_D = 0 – 3.3 V PWM
Speaker Impedance
3 – 4
Ω
8.2.3.2 Application Curves
Relevant performance plots for TAS5352A in SE configuration are shown in SE Configuration.
Table 9. Relevant Performance Plots, SE Configuration
PLOT TITLE
FIGURE NUMBER
Total Harmonic Distortion + Noise vs. Output Power
Figure 8
Output Power vs. Supply Voltage
Figure 9
Power Output vs. Case Temperature
Figure 10
8.2.4 PBTL Application With AD Modulation Filters
Figure 17. Typical Differential (2N) PBTL Application With AD Modulation Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com