Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA9511A Datasheet (PDF) - Texas Instruments

TCA9511A Datasheet PDF - Texas Instruments
Part # TCA9511A
Download  TCA9511A Download
File Size   981.48 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9511A Hot Swappable I2C Bus and SMBus Buffer

TCA9511A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9511A Datasheet PDF - Texas Instruments

Part # TCA9511A
Download  TCA9511A Click to download

File Size   981.48 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9511A Hot Swappable I2C Bus and SMBus Buffer

TCA9511A Datasheet (HTML) - Texas Instruments


TCA9511A Product details

1 Features
• Supports bidirectional data transfer of I2C bus
signals
• Operating power-supply voltage range of 2.3 V to
5.5 V
• TA ambient air temperature range of
-40 °C to 125 °C
• 1-V Precharge on all SDA and SCL lines prevents
corruption during live insertion
• Accommodates standard mode and fast mode I2C
devices
• Supports clock stretching, arbitration and
synchronization
• Powered-off high-impedance I2C pins

2 Applications
• Servers
• Enterprise Switching
• Telecom switching equipment
• Base stations
• Industrial automation equipment

3 Description
The TCA9511A is a hot-swappable I2C bus buffer that
supports I/O card insertion into a live backplane
without corruption of the data and clock lines. Control
circuitry prevents the backplane-side I2C lines (in)
from being connected to the card-side I2C lines (out)
until a stop command or bus idle condition occurs on
the backplane without bus contention on the card.
When the connection is made, this device provides
bidirectional buffering, keeping the backplane and
card capacitances isolated. During insertion, the SDA
and SCL lines are pre-charged to 1 V to minimize the
current required to charge the parasitic capacitance of
the device.
When the I2C bus is idle, the TCA9511A can be put
into shutdown mode by setting the EN pin low,
reducing power consumption. When EN is pulled high,
the TCA9511A resumes normal operation. It also
includes an open drain READY output pin, which
indicates that the backplane and card sides are
connected together. When READY is high, the SDAIN
and SCLIN are connected to SDAOUT and SCLOUT.
When the two sides are disconnected, READY is low.




Similar Part No. - TCA9511A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
TCA9511A Hot Swappable I2C Bus and SMBus Buffer
TCA9511ADGKR TI1-TCA9511ADGKR Datasheet
472Kb / 25P
TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Similar Description - TCA9511A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com