Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1074 Datasheet (PDF) - Adafruit Industries

1074 Datasheet PDF - Adafruit Industries
Part # 1074
Download  1074 Download
File Size   2233.1 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Configurable Spring Terminal Blocks - 3 Pin 0.1" Pitch R/A - x 5

1074 Datasheet (PDF)

Go To PDF Page Download Datasheet
1074 Datasheet PDF - Adafruit Industries

Part # 1074
Download  1074 Click to download

File Size   2233.1 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Configurable Spring Terminal Blocks - 3 Pin 0.1" Pitch R/A - x 5

1074 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1074

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1074 SCHURTER-1074 Datasheet
403Kb / 3P
IEC Appliance Inlet C14 with Line Switch 1-pole
logo
3M Electronics
1074 3M-1074 Datasheet
336Kb / 4P
ScotchPad??Premium Hang Tabs
logo
Schurter Inc.
1074 SCHURTER-1074 Datasheet
277Kb / 4P
IEC Appliance Inlet C14 with Line Switch 1-pole
logo
List of Unclassifed Man...
1074 ETC-1074 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1074 HEYCO-1074 Datasheet
136Kb / 1P
Original Strain Relief Bushings
More results


Similar Description - 1074

ManufacturerPart #DatasheetDescription
logo
Lumberg
MX222-508 LUMBERG-MX222-508 Datasheet
577Kb / 3P
Spring terminal blocks, pitch 5.08 mm
MX122-508 LUMBERG-MX122-508 Datasheet
643Kb / 3P
Spring terminal blocks, pitch 5.08 mm
logo
PHOENIX CONTACT
3031607 PHOENIX-3031607 Datasheet
1Mb / 9P
Spring Cage Component Terminal Blocks
3038448 PHOENIX-3038448 Datasheet
345Kb / 4P
Spring Cage Disconnect Terminal Blocks ST
1050059-R PHOENIX-1050059-R Datasheet
48Kb / 2P
Marker for terminal blocks - ZB 5,LGS:GROSSBUCHST. R
logo
Schneider Electric
BMXFTB2820 SCHNEIDER-BMXFTB2820 Datasheet
81Kb / 1P
28-pin removable spring terminal blocks - 1 x 0.34..1 mm2
Aug 10, 2019
BMXFTB2020 SCHNEIDER-BMXFTB2020 Datasheet
106Kb / 2P
20-pin removable spring terminal blocks - 1 x 0.34..1 mm2
Apr 20, 2022
BMXFTB4020 SCHNEIDER-BMXFTB4020 Datasheet
92Kb / 2P
40-pin removable spring terminal blocks
Apr 20, 2022
BMXFTB4020H SCHNEIDER-BMXFTB4020H Datasheet
88Kb / 1P
Hardened 40-pin removable spring terminal blocks
Apr 20, 2022
logo
CamdenBoss Ltd.
CTBP96HJ CAMDENBOSS-CTBP96HJ Datasheet
912Kb / 2P
5 .08mm inve r ted/reve r s e terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com