Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1099 Datasheet (PDF) - Adafruit Industries

1099 Datasheet PDF - Adafruit Industries
Part # 1099
Download  1099 Download
File Size   178.44 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB OTG Host Cable - MicroB OTG male to A female

1099 Datasheet (PDF)

Go To PDF Page Download Datasheet
1099 Datasheet PDF - Adafruit Industries

Part # 1099
Download  1099 Click to download

File Size   178.44 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB OTG Host Cable - MicroB OTG male to A female

1099 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10990 ETC-10990 Datasheet
110Kb / 2P
30.0 MM DIA OPTIC 4 LEG HOLDER
11-Feb-09
logo
ERNI Electronics
109900 ERNI-109900 Datasheet
43Kb / 1P
iBridge male 2mm pitch Single Row Vertical SMT
109901 ERNI-109901 Datasheet
43Kb / 1P
iBridge male 2mm pitch Single Row Vertical SMT
109902 ERNI-109902 Datasheet
43Kb / 1P
iBridge male 2mm pitch Single Row Vertical SMT
109903 ERNI-109903 Datasheet
43Kb / 1P
iBridge male 2mm pitch Single Row Vertical SMT
More results


Similar Description - 1099

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
USB - OTG Transceiver
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Tripp Lite. All Rights ...
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
U05406N TRIPPLITE-U05406N Datasheet
483Kb / 2P
USB OTG Host Adapter Cable For Samsung Galaxy Tablet, 6-in
logo
Microchip Technology
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
U054-06N TRIPPLITE-U054-06N Datasheet
156Kb / 2P
USB OTG Host Adapter Cable For Samsung Galaxy Tablet, 6-in.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com