Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

276 Datasheet (PDF) - Adafruit Industries

276 Datasheet PDF - Adafruit Industries
Part # 276
Download  276 Download
File Size   280.19 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 5V 2A (2000mA) switching power supply - UL Listed

276 Datasheet (PDF)

Go To PDF Page Download Datasheet
276 Datasheet PDF - Adafruit Industries

Part # 276
Download  276 Click to download

File Size   280.19 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 5V 2A (2000mA) switching power supply - UL Listed

276 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 276

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
276 WALTHER-276 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Oscilent Corporation
276-12.0M-SR-05GP OSCILENT-276-12.0M-SR-05GP Datasheet
127Kb / 2P
SMD Quartz Crystal
276-12.0M-SR-05GR OSCILENT-276-12.0M-SR-05GR Datasheet
127Kb / 2P
SMD Quartz Crystal
276-12.0M-SR-05GS OSCILENT-276-12.0M-SR-05GS Datasheet
127Kb / 2P
SMD Quartz Crystal
276-12.0M-SR-05GT OSCILENT-276-12.0M-SR-05GT Datasheet
127Kb / 2P
SMD Quartz Crystal
More results


Similar Description - 276

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
logo
Tyco Electronics
C-1986164 MACOM-C-1986164 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, IO AWG
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
SOLAR CABLE, UL-LISTED, 12AWG
C-1986166 MACOM-C-1986166 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, 14AWG
logo
NTE Electronics
575D5001 NTE-575D5001 Datasheet
737Kb / 1P
5V AC?묭C Switching Power Supply
logo
List of Unclassifed Man...
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
UL Listed Threaded Safety Plunger
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
Shaanxi Reactor Micro...
RM3602AS REACTOR-RM3602AS Datasheet
243Kb / 3P
5V/2A power adapter application
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com