Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet (PDF) - Hirose Electric

DF13 Datasheet PDF - Hirose Electric
Part # DF13
Download  DF13 Download
File Size   363.29 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1.25mm Pitch Miniature Crimping Connector (UL Listed)

DF13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF13 Datasheet PDF - Hirose Electric

Part # DF13
Download  DF13 Click to download

File Size   363.29 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1.25mm Pitch Miniature Crimping Connector (UL Listed)

DF13 Datasheet (HTML) - Hirose Electric


DF13 Product details

1.25mm Pitch Miniature Crimping Connector



■Features

1. Miniature Size

Designed in the low profile at mounting height 5.8mm.

(SMT mounting straight type)

(For DIP type, the mounting height is to 5.3mm to the straight and 3.6mm at the right angle)

2. Multi-contact

The double row type achieves the multi-contact up to 40 contacts, and secures 30% higher density in the mounting area, compared with the single row type.

3. Correspond to Automatic Mounting

The header provides the grade with the vacuum absorption area, and secures automatic mounting by the embossed tape packaging.

In addition, the tube packaging can be selected.

4. Integral Basic Function Despite Miniature Size

The header is designed in a scoop-proof box structure, and completely prevents mis-insertion.

In addition, the surface mounting (SMT) header is equipped with the metal fitting to prevent solder peeling.



■Applications

Note PC, mobile terminal, miniature type business equipment, and other various consumer equipment, including video camera




Similar Part No. - DF13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-10DP-1.25C HIROSE-DF13-10DP-1.25C Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25DS HIROSE-DF13-10DP-1.25DS Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25DSA HIROSE-DF13-10DP-1.25DSA Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25H HIROSE-DF13-10DP-1.25H Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25V HIROSE-DF13-10DP-1.25V Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
More results


Similar Description - DF13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com