Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 1 Page - Hirose Electric

  DF13 Datasheet HTML 1Page - Hirose Electric DF13 Datasheet HTML 2Page - Hirose Electric DF13 Datasheet HTML 3Page - Hirose Electric DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
B242
1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13 Series
■Features
1. Miniature Size
Designed in the low profile at mounting height 5.8mm.
(SMT mounting straight type)
(For DIP type, the mounting height is to 5.3mm to the
straight and 3.6mm at the right angle)
2. Multi-contact
The double row type achieves the multi-contact up to 40
contacts, and secures 30% higher density in the mounting
area, compared with the single row type.
3. Correspond to Automatic Mounting
The header provides the grade with the vacuum absorption
area, and secures automatic mounting by the embossed
tape packaging.
In addition, the tube packaging can be selected. (Fig.1)
4. Integral Basic Function Despite Miniature Size
The header is designed in a scoop-proof box structure, and
completely prevents mis-insertion.
In addition, the surface mounting (SMT) header is equipped
with the metal fitting to prevent solder peeling. (Fig.1)
5. UL Certifled
6. Glow wire compliance (Compliant with IEC 60695-2-11)
■Applications
Note PC, mobile terminal, miniature type business equipment,
and other various consumer equipment, including video
camera
Straight Type
Right Angle Type
Absorption area
Absorption area
Fig.1
Correspond to Automatic Mounting
Secure the automatic plain area for the absorption
type automatic mounting machine.
Metal fitting
DIP
5.3mm
SMT
5.8mm
DIP
3.6mm
SMT
Type
Mounting Type
Mounting Height(h)


Similar Part No. - DF13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-10DP-1.25C HIROSE-DF13-10DP-1.25C Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25DS HIROSE-DF13-10DP-1.25DS Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25DSA HIROSE-DF13-10DP-1.25DSA Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25H HIROSE-DF13-10DP-1.25H Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF13-10DP-1.25V HIROSE-DF13-10DP-1.25V Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com