Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric DF13 Datasheet HTML 10Page - Hirose Electric DF13 Datasheet HTML 11Page - Hirose Electric DF13 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
B252
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
1. Recommended Temperature
Profile (SMT)
Note 1. This temperature profile is a recommended value.
Note 2. Up to 2 cycles of Reflow soldering are possible under the same conditions, provided
that there is a return to normal temperature between the first and second cycle.
Note 3. The temperature profile indicates the board surface temperature at the point
of contacts with the connector terminals.
Note 4. Slight variations in color of the plastic compounds do not affect form, fit or function
of the connector.
2. Recommended Soldering
Condition (SMT)
Manual soldering : 290±10ç for 2 seconds max.
3. Recommended Screen
Thickness (SMT)
0.15
to 0.2mm
4. Board Warpage (SMT)
Max 0.03mm in the connector center area, based on both connector edges
5. Recommended Soldering
Flow : 250±5ç for 3 seconds
5. Condition (Through hole)
Manual soldering : 290±10ç for 2 seconds
6. Cleaning Condition
Refer to Wire to board connector Use Hand book.
IPA cleaning is allowed. (Cleaning is not recommended because cleaning may change the
mating/withdrawal feeling etc. Please contact us when you use other cleaning agents.)
7. Connection Condition
Refer to Wire to board connector Use Hand book.
■Carefully carry out the crimping operation according to "Crimping Condition Sheet" and
"Crimping Quality Standard", because the crimping contact is an extremely small style.
8. Cautions
■Be careful for the excessive scoop insertion/extraction, which will cause damage to the product.
9. Precautions
Refer to Wire to board connector Use Hand book.
BPrecautions
MAX 250
℃
TIME(Sec)
60sec MAX
60-120sec
0
100
170
190
℃
230
℃
200
250
10sec MAX
PRE-HEATING TIME
SOLDERINGTIME
[Applicable Conditions]
1. Peak temperature : 250
℃ max.
2. Heating area : 230
℃ min. for less than 60 seconds
3. Preheating area : 170
℃ to 190℃ for 60 to 120 seconds
4. Number of times : no more than 2 times
* Measurement is conducted at the contact lead part
Soldering results may change depending on conditions such as solder paste type,
manufacturer, PCB size, and other soldering materials.
Please determine all mounting conditions before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com