Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF13 Datasheet HTML 3Page - Hirose Electric DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric DF13 Datasheet HTML 10Page - Hirose Electric DF13 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
B248
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Double Row Straight Pin Header (SMT)
■(Four-Wall/Correspond to Vacuum Absorption)
Part No.
DF13EA-10DP-1.25V(**)
DF13EA-20DP-1.25V(**)
DF13EA-30DP-1.25V(**)
DF13EA-40DP-1.25V(**)
HRS No.
536-0570-0
536-0571-0
536-0572-0
536-0573-0
No. of Contacts
10
20
30
40
A
12.10
18.35
24.60
30.85
B
5.00
11.25
17.50
23.75
C
8.70
14.95
21.20
27.45
Spec No.
(21)
✔
✔
✔
–
Spec No.
(51)
✔
✔
✔
✔
Emboss
Width
24
32
44
44
RoHS
Yes
Unit: mm
BPCB mounting pattern
Note 1. Shaded area must be free of any electrically
conductive traces to avoid contact with soldered
pin header terminations.
[Specific No.] (
**), **
(21) : Tin-copper plated embossed tape packaging
(51) : Gold plated embossed tape packaging
Note 1. Please order the embossed tape packaging product according to reel number. (1000pcs/reel)
Note 2. The absorption cap is attached to the embossed tape packaging product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com