Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 4 Page - Hirose Electric

  DF13 Datasheet HTML 1Page - Hirose Electric DF13 Datasheet HTML 2Page - Hirose Electric DF13 Datasheet HTML 3Page - Hirose Electric DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
B245
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Single Row Straight Pin Header (Through hole)
■Single Row Right Angle Pin Header (Through hole)
●Board Through-hole Diameter:Ø0.6±0.03
●Board Through-hole Diameter:Ø0.6±0.03
[Specific No.] (
**), **
Blank : Tin plated
(20) : Tin plated, tube packaging
[Specific No.] (
**), **
(20) : Tin plated tube packaging
5
BTube Dimensions
BTube Dimensions
115
89
72
61
52
46
41
Yes
Yes
Tube Packaging Quantity RoHS
RoHS
37
34
31
29
25
23
Tube Packaging Quantity
Note 1.Order the tube packaging product, multiplying the tube packaging quantity.
Unit : mm
Part No.
HRS No.
DF13-2P-1.25DS(
20)
DF13-3P-1.25DS(
20)
DF13-4P-1.25DS(
20)
DF13-5P-1.25DS(
20)
DF13-6P-1.25DS(
20)
DF13-7P-1.25DS(
20)
DF13-8P-1.25DS(
20)
536-0151-7
20
536-0152-0
20
536-0153-2
20
536-0154-5
20
536-0155-8
20
536-0156-0
20
536-0157-3
20
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
No. of Contacts
A
B
Part No.
HRS No.
DF13- 9P-1.25DS(
20)
DF13-10P-1.25DS(
20)
DF13-11P-1.25DS(
20)
DF13-12P-1.25DS(
20)
DF13-14P-1.25DS(
20)
DF13-15P-1.25DS(
20)
536-0158-6
20
536-0159-9
20
536-0160-8
20
536-0161-0
20
536-0163-6
20
536-0164-9
20
9
10
11
12
14
15
10.00
11.25
12.50
13.75
16.25
17.50
12.90
14.15
15.40
16.65
19.15
20.40
No. of Contacts
A
B
115
89
72
61
52
46
41
Yes
Yes
Tube Packaging Quantity RoHS
RoHS
37
34
31
29
27
25
23
Tube Packaging Quantity
Note 1. The quantity at the specific No."None" is delivered per bag (100 pcs.). If needed, please select and order the products per bag.
Note 2. Order the tube packaging product, multiplying the tube packaging quantity.
Unit: mm
Part No.
HRS No.
DF13-2P-1.25DSA(**)
DF13-3P-1.25DSA(**)
DF13-4P-1.25DSA(**)
DF13-5P-1.25DSA(**)
DF13-6P-1.25DSA(**)
DF13-7P-1.25DSA(**)
DF13-8P-1.25DSA(**)
536-0101-9 **
536-0102-1 **
536-0103-4 **
536-0104-7 **
536-0105-0 **
536-0106-2 **
536-0107-5 **
2
3
4
5
6
7
8
1.25
2.50
3.75
5.00
6.25
7.50
8.75
4.15
5.40
6.65
7.90
9.15
10.40
11.65
No. of Contacts
A
B
Part No.
HRS No.
DF13- 9P-1.25DSA(
**)
DF13-10P-1.25DSA(
**)
DF13-11P-1.25DSA(
**)
DF13-12P-1.25DSA(
**)
DF13-13P-1.25DSA(
**)
DF13-14P-1.25DSA(
**)
DF13-15P-1.25DSA(
**)
536-0108-8 **
536-0109-0 **
536-0110-0 **
536-0111-2 **
536-0112-5 **
536-0113-8 **
536-0114-0 **
9
10
11
12
13
14
15
10.00
11.25
12.50
13.75
15.00
16.25
17.50
12.90
14.15
15.40
16.65
17.90
19.15
20.40
No. of Contacts
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com