Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 12 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric DF13 Datasheet HTML 10Page - Hirose Electric DF13 Datasheet HTML 11Page - Hirose Electric DF13 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
B253
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
BPrecautions
Parallel
Diagonal
Parallel
Diagonal
Parallel
Diagonal
Parallel
Diagonal
<Precautions at Time of Insertion>
Align with the connector form and press down
continue pressing until there is a tactile click.
Method: Lightly grasping the base the cable, press the
connector with your finger and insert it.
Caution: Do not insert at an angle of 30° or greater.
Doing so will cause contact deformation or
case damage.
Method: Insert with the connector parallel.
Handing
Insertion Angle
<Precautions at Time of Disconnection>
Align with the connector form and press down
continue pressing until there is a tactile click.
Method: Grasp the cable so that the entire cable is
pulled evenly and it out.
Caution: Do not remove at an angle of 30° or greater.
Doing so will cause contact deformation or
case damage.
Method: Remove with the connector parallel.
Handing
Angle of Removal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com