Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 9 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric DF13 Datasheet HTML 10Page - Hirose Electric DF13 Datasheet HTML 11Page - Hirose Electric DF13 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
B250
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Crimp contact with cable
Part No.
HRS No.
Quantity
Finish
DF13-2630SF1571-26A9-300
536-9001-0 00
100pcs/Pack
Tin plating
DF13-2630SFA15711-26A9-300
Under development
100pcs/Pack
Gold plating
Note 1. Bag packaging (100pcs/pack). Order by number of packs.
Note 2. Please contact your local sales rep if you plan on using specification other than those listed above.
Wire size
26 : 26AWG
Crimp position / End processing
A : Both end crimped
B : One side crimped without end processing
S : One side crimped with striped end processing
Wire color
9 : White
0 : Black
Wire length
300 : 300mm
Part No. of adopted crimping contact
DF13-2630SF : DF13-2630SCF
DF13-2630SFA : DF13-2630SCFA(04)
Wire type
1571 : UL1571
DF13-2630SF 1571 - 26 A 9 - 300
1
2
3
4
6
5
2
1
3
5
6
4
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com