Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 2 Page - Hirose Electric

  DF13 Datasheet HTML 1Page - Hirose Electric DF13 Datasheet HTML 2Page - Hirose Electric DF13 Datasheet HTML 3Page - Hirose Electric DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
B243
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Product Specifications
Rating
Operating Temperature Range :
-35 to +85ç (Note 1) Storage Temperature Range : -10 to +60ç (Note 2)
Operating Moisture Range : 20
to 80% (Note 3)
Storage Moisture Range : 40
to 70% (Note 2)
Current rating
Specification
1A
UL
Voltage rating
Specification
AC 150V
UL
AC/DC 29.9V
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3 : Use without condensation on parts.
■UL File No. and Recognition No. UL : E52653
Item
Specification
Condition
1.Insulation Resistance
500M
ø min.
100V DC
2.Withstanding voltage
No flashover or insulation breakdown.
500V AC/1 minute
3.Contact Resistance
30m
ø max.
100mA
4.Single Insertion/Extraction Force 0.3N (30gf) min., 3N (300gf) max.
Measured at the square steel pin of 0.35
±0.002mm
5.Vibration
No electrical discontinuity of 1μs or more
Frequency : 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.
Humidity (Steady state)
Contact resistance : 30m
ø max. Insulation resistance : 500Mø min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7.Temperature Cycle
Contact resistance : 30m
ø max. Insulation resistance : 500Mø min.
(-55
ç : 30 minutes
➝ 5 to 35ç : 10 minutes➝ 85ç : 30 minutes➝ 5 to 35ç : 10 minutes) 5 cycles
8.Durability (Mating/un-mating) Contact resistance : 30m
ø max.
Tin plating : 30 cycles
Gold plating : 50 cycles
9.Resistance to Soldering heat
No deformation of components affecting performance.
Flow : 250ç for 10 seconds
Manual soldering : 300ç for 3 seconds
Reflow : At the recommended temperature profile
Manual soldering : 300ç for 3 seconds
■Materials/Finish
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Beige
UL94V-0
Crimping Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
----
Pin Header (Through hole)
Insulator
Polyamide
Beige
UL94V-0
Contact
Brass
Tin plated
----
Insulator
Polyamide
Beige
UL94V-0
Pin Header (SMT Single row)
Contact
Brass
Tin plated or gold plated
----
Metal Fitting
Phosphor copper
Tin plated
----
Insulator
Polyamide
Beige
UL94V-0
Pin Header (SMT Double row)
Contact
Brass
Tin-copper plated or gold plated
----
Metal Fitting
Phosphor copper
Tin plated
----
●Contact
DF13 # - 2630 SCF A
qw
r
e
q Style Symbol Blank: Standard
G: Low insertion / extraction
w Applicable Cable Size 2630 : 26 to 30 AWG
3032 : 30
to 32 AWG
e Packaging Type SCF : Socket Contact/Reel
r Plating Type Blank : Tin plated
A : Gold plated
DF13
# - * S - 1.25 C
qe
wr
t
y
e Number of Contacts
r Single row : 2 to 12, 14, 15
r Double row : 10, 20, 30, 40
r Connector Type
t S : Single row socket / P : Single row pin header
t DS : Double row socket / DP : Double row pin header
t Contact Pitch: 1.25mm
y Connection Form / Contact Style.
C : Crimping socket / DSA : Straight through hole
DS : Right angle through hole / V : Straight SMT
H : Right angle SMT
q Series Name
: DF13
w Style Symbol
: Blank : With boss
A : Without boss
C : Without boss
●Connector
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com