Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 10 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric DF13 Datasheet HTML 10Page - Hirose Electric DF13 Datasheet HTML 11Page - Hirose Electric DF13 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Unreeling direction
A−A
A
A
A−A
A
A
2
±0.1(A<44mm)
Product name label
Ø21±0.8
2±0.5
 0
+2
D
(D+6)MAX
Product name label
2±0.5
 0
+2
D
(D+6)MAX
Product name label
Ø21±0.8
2±0.5
 0
+2
D
(D+6)MAX
A−A
2±
0.15(A≧44mm)
A
A
DIRECTION OF UNREELING
Direction of unreeling
 
5.2±0.15
2±
0.1(A<44mm)
4±
0.1
12±0.1
(1.4)
0.4±0.1
0.38
4±0.1
2±0.1
13±0.1
5.1
4±0.1
2±0.15(A
≧44mm)
12±0.1
0.3±0.1
4.1±0.15
(1.1)
B251
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
BEmbossed Carrier Tape Dimensions
KDF13C-*P-1.25V (**)
KDF13A-*P-1.25H (**)
KDF13EA-*DP-1.25V (**)
Product Type
Size
No. of Contacts
A
B
C
D
DF13C-
*P-1.25V (**)
DF13A-
*P-1.25H (**)
2, 3
4
to 10
11
to 14
15
16
24
32
44
–––––––
–––––––
28.4
40.4
7.5
11.5
14.2
20.2
16.4
24.4
32.4
44.4
Unit: mm
Note : The 13 contacts is not serialized.
Product Type
Size
No. of Contacts
A
B
C
D
DF13EA-
*DP-1.25V (**)
10
20
30
to 40
24
32
44
–––––––
28.4
40.4
11.5
14.2
20.2
24.4
32.4
44.4
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com