Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF13 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF13
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13 Datasheet(HTML) 5 Page - Hirose Electric

  DF13 Datasheet HTML 1Page - Hirose Electric DF13 Datasheet HTML 2Page - Hirose Electric DF13 Datasheet HTML 3Page - Hirose Electric DF13 Datasheet HTML 4Page - Hirose Electric DF13 Datasheet HTML 5Page - Hirose Electric DF13 Datasheet HTML 6Page - Hirose Electric DF13 Datasheet HTML 7Page - Hirose Electric DF13 Datasheet HTML 8Page - Hirose Electric DF13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
B246
DF13 Series
●1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Single Row Straight Pin Header (SMT)
■(Three-Wall/Correspond to Vacuum Absorption)
[Specific No.] (
**), **
(21) : Tin plated embossed tape packaging
(51) : Gold plated embossed tape packaging
This pin header is a three-wall type, header has sufficiently large flat areas to allow
pick-up with vacuum nozzles of automatic placement equipment.
BPCB mounting pattern
Note 1.Please order the embossed tape packaging product according to reel number. (1000pcs/reel)
Note 1.Shaded area must be free of any
electrically conductive traces to
avoid contact with soldered pin
header terminations.
Unit : mm
Part No.
HRS No.
DF13C- 2P-1.25V(
**)
DF13C- 3P-1.25V(
**)
DF13C- 4P-1.25V(
**)
DF13C- 5P-1.25V(
**)
DF13C- 6P-1.25V(
**)
DF13C- 7P-1.25V(
**)
DF13C- 8P-1.25V(
**)
DF13C- 9P-1.25V(
**)
DF13C-10P-1.25V(
**)
DF13C-11P-1.25V(
**)
DF13C-12P-1.25V(
**)
DF13C-14P-1.25V(
**)
DF13C-15P-1.25V(
**)
536-0401-2
**
536-0402-5
**
536-0403-8
**
536-0404-0
**
536-0405-3
**
536-0406-6
**
536-0407-9
**
536-0408-1
**
536-0409-4
**
536-0410-3
**
536-0411-6
**
536-0413-1
**
536-0414-4
**
2
3
4
5
6
7
8
9
10
11
12
14
15
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
No. of Contacts
A
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
B
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
C
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
D
1.95
3.20
4.45
5.70
6.95
8.20
9.45
10.70
11.95
13.20
14.45
16.95
18.20
2.20
3.45
3.10
4.35
5.60
6.85
8.10
9.35
10.60
11.85
13.10
15.60
16.85
E
F
16
16
24
24
24
24
24
24
24
32
32
32
44
Yes
Emboss
Width
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com