Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

361 Datasheet (PDF) - Adafruit Industries

361 Datasheet PDF - Adafruit Industries
Part # 361
Download  361 Download
File Size   102.55 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description MiFare Classic (13.56MHz RFID/NFC) Clear Tag - 1KB

361 Datasheet (PDF)

Go To PDF Page Download Datasheet
361 Datasheet PDF - Adafruit Industries

Part # 361
Download  361 Click to download

File Size   102.55 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description MiFare Classic (13.56MHz RFID/NFC) Clear Tag - 1KB

361 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 361

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
361 PENTAIR-361 Datasheet
254Kb / 2P
COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
Aries Electronics, Inc.
361 ARIES-361 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
WECO ELECTRICAL CONNECT...
361 WECO-361 Datasheet
159Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
logo
Keystone Electronics Co...
361 KEYSTONE-361 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
IDEAL-TEK SA
361 IDEAL-TEK-361 Datasheet
253Kb / 1P
High Precision Scissors
REV.00
More results


Similar Description - 361

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90131 MELEXIS-MLX90131 Datasheet
36Kb / 1P
13.56MHz RFID/NFC Transceiver
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
13.56MHz RFID TAG IC
A9212A AMICC-A9212A Datasheet
222Kb / 16P
13.56MHz RFID TAG IC
logo
Melexis Microelectronic...
MLX90132 MELEXIS-MLX90132 Datasheet
2Mb / 44P
13.56MHz RFID / NFC Transceiver
logo
Pulse A Technitrol Comp...
W3102 PULSE-W3102 Datasheet
963Kb / 7P
13.56MHz RFID/NFC SMD Antenna
logo
SparkFun Electronics
SEN-10127 SPARKFUN-SEN-10127 Datasheet
216Kb / 1P
RFID Tag ??ABS Token MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-10128 SPARKFUN-SEN-10128 Datasheet
147Kb / 1P
RFID Tag ??Transparent MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-10131 SPARKFUN-SEN-10131 Datasheet
114Kb / 1P
RFID Tag ??Laundry MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-11319 SPARKFUN-SEN-11319 Datasheet
94Kb / 1P
RFID Tag - Adhesive MIFARE Classic짰 1K
6??0??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com