Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A9212A Datasheet (PDF) - AMIC Technology

A9212A Datasheet PDF - AMIC Technology
Part # A9212A
Download  A9212A Download
File Size   222.64 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 13.56MHz RFID TAG IC

A9212A Datasheet (PDF)

Go To PDF Page Download Datasheet
A9212A Datasheet PDF - AMIC Technology

Part # A9212A
Download  A9212A Click to download

File Size   222.64 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 13.56MHz RFID TAG IC

A9212A Datasheet (HTML) - AMIC Technology


A9212A Product details

FEATURE
– Compatible with ISO/IEC 15693 Standard
– No External power supply required
– 13.56MHz operating frequency
– Embedded Total 512 x 8 bit EEPROM memory
– ASK demodulator
– Support both single and dual sub-carrier operations
– Internal clock recovery circuit
– Support 26.69kbps high data rate, and 6.62kbps low data rate
– Manchester encoding TX data output
– Self-destruct function

eEEPROM Memory
– Up to 448 bytes of user data memory organized in 112 four-byte blocks
– Each block is organized in 4 bytes for one time programming
– Data retention up to 10 years
– Lock bits for each block, AFI, DSFID




Similar Part No. - A9212A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
13.56MHz RFID TAG IC
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
TOKO, Inc
A921CY-100M TOKO-A921CY-100M Datasheet
247Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
A921CY-100M MURATA-A921CY-100M Datasheet
726Kb / 2P
Inductance test frequency
More results


Similar Description - A9212A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
November 23, 2004
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
13.56MHz RFID TAG IC
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129_12 Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
MLX90129 MELEXIS-MLX90129_17 Datasheet
1Mb / 60P
13.56MHZ SENSOR TAG / DATALOGGER IC
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com