Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A9211B Datasheet (PDF) - AMIC Technology

A9211B Datasheet PDF - AMIC Technology
Part # A9211B
Download  A9211B Download
File Size   266.57 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description ISO/IEC 14443A RFID TAG IC

A9211B Datasheet (PDF)

Go To PDF Page Download Datasheet
A9211B Datasheet PDF - AMIC Technology

Part # A9211B
Download  A9211B Click to download

File Size   266.57 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description ISO/IEC 14443A RFID TAG IC

A9211B Datasheet (HTML) - AMIC Technology


A9211B Product details

General Description
A9211B is a contactless RFID Tag IC for use with proximity coupling device according to ISO/IEC 14443A standard. The communication protocol complies with parts 2 and 3 of the ISO/IEC 14443A specification.

FEATURE
– Compatible with ISO/IEC 14443A Standard
– No external power supply required
– 13.56MHz operating frequency
– Total embedded 2048 bit OTP memory
– 100% ASK demodulator
– Cascaded two level 7 byte serial number
– 106 kbps for high data rate,
– Manchester encoding TX data output

OTP Memory
– 224 x 8 bits of data memory organized in 56 pages
– Each page is organized in 4 bytes for one time programming
– Data retention up to 10 years
– Private 32bits password protected Self destruct function




Similar Part No. - A9211B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
13.56MHz RFID TAG IC
A9212A AMICC-A9212A Datasheet
222Kb / 16P
13.56MHz RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
TOKO, Inc
A921CY-100M TOKO-A921CY-100M Datasheet
247Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
A921CY-100M MURATA-A921CY-100M Datasheet
726Kb / 2P
Inductance test frequency
More results


Similar Description - A9211B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
Highly Integrated ISO 14443A Reader IC
January 2002
logo
Sanyo Semicon Device
LA7209V SANYO-LA7209V Datasheet
162Kb / 14P
Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
13.56MHz RFID TAG IC
A9212A AMICC-A9212A Datasheet
222Kb / 16P
13.56MHz RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Abracon Corporation
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART915X25275YZ25 ABRACON-ART915X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com