Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC500 Datasheet (PDF) - NXP Semiconductors

MFRC500 Datasheet PDF - NXP Semiconductors
Part # MFRC500
Download  MFRC500 Download
File Size   128.57 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Highly Integrated ISO 14443A Reader IC

MFRC500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MFRC500 Datasheet PDF - NXP Semiconductors

Part # MFRC500
Download  MFRC500 Click to download

File Size   128.57 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Highly Integrated ISO 14443A Reader IC

MFRC500 Datasheet (HTML) - NXP Semiconductors


MFRC500 Product details

INTRODUCTION

Scope

The MF RC500 is member of a new family of highly integrated reader ICs for contactless communication on 13,56MHz. This new reader IC family utilises an outstanding modulation and demodulation concept completely integrated for all major kinds of passive contactless communication methods and protocols on 13,56MHz.

The MF RC500 supports all layers of ISO14443A.

The internal transmitter part is able to drive a proximity antenna (up to 100mm) directly without additional active circuitry.

The receiver part provides a robust and efficient implementation of a demodulation and decoding circuitry for signals of ISO14443A compatible transponders.



Features

· Highly integrated analog circuitry to decode card response

· Buffered output drivers to connect an antenna with minimum number of external components

· Proximity operating distance (up to 100 mm)

· Fast internal oscillator buffer to connect 13.56 MHz quartz

· Clock frequency monitoring

· Hard reset with low power functions

· Power down mode per software

· Parallel µController interface with internal address latch and IRQ line

· Automatic detection of parallel µC interface type

· Comfortable send and receive FIFO buffer

· Anti-collision procedure support

· Bit- and byte-oriented framing

· Unique serial number

· Onboard timer circuit

· Supports MIFARE® PRO and ISO 14443A (transparent mode and T=”CL” )

· Supports MIFARE® Classic

· Crypto1 and secure non-volatile internal key memory

· Supports MIFAREÒ active antenna concept.

· Suitable for high security terminals with SAM’s based on e.g. triple DES, RSA, elliptic curves



Applications

The MF RC500 is tailored to fit the requirements of various applications using contactless communication based on ISO/IEC 14443A standard where cost-effectiveness, small size, high performance with a single voltage supply are important.

· Public transport terminals

· Handheld terminals

· On board units

· Contactless PC terminals

· Metering

· Contactless public phones



 




Similar Part No. - MFRC500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T NXP-MFRC50001T Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
MFRC50001T0FE NXP-MFRC50001T0FE Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
More results


Similar Description - MFRC500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
logo
ams AG
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
NXP Semiconductors
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com