Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC53001T Datasheet (PDF) - NXP Semiconductors

MFRC53001T Datasheet PDF - NXP Semiconductors
Part # MFRC53001T
Download  MFRC53001T Download
File Size   828.14 Kbytes
Page   116 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ISO/IEC 14443 A Reader IC

MFRC53001T Datasheet (PDF)

Go To PDF Page Download Datasheet
MFRC53001T Datasheet PDF - NXP Semiconductors

Part # MFRC53001T
Download  MFRC53001T Click to download

File Size   828.14 Kbytes
Page   116 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ISO/IEC 14443 A Reader IC

MFRC53001T Datasheet (HTML) - NXP Semiconductors




Similar Part No. - MFRC53001T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC531 PHILIPS-MFRC531 Datasheet
56Kb / 13P
Short Form Specification
February 2002
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
MFRC53101T NXP-MFRC53101T Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
MFRC53101T0FE NXP-MFRC53101T0FE Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
More results


Similar Description - MFRC53001T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
Highly Integrated ISO 14443A Reader IC
January 2002
logo
Sanyo Semicon Device
LA7209V SANYO-LA7209V Datasheet
162Kb / 14P
Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
logo
ams AG
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Maxim Integrated Produc...
MAX66040 MAXIM-MAX66040 Datasheet
331Kb / 25P
ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
Rev 0; 1/11
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com