Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7209V Datasheet (PDF) - Sanyo Semicon Device

LA7209V Datasheet PDF - Sanyo Semicon Device
Part # LA7209V
Download  LA7209V Download
File Size   162.31 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag

LA7209V Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7209V Datasheet PDF - Sanyo Semicon Device

Part # LA7209V
Download  LA7209V Click to download

File Size   162.31 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag

LA7209V Datasheet (HTML) - Sanyo Semicon Device


LA7209V Product details

Overview
The LA7209V is a ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag.

Features
• Driver amplifier for ASK modulation (under 500mW) : Modulation and output level be able to changing by out side constant.
• Diode detector (bridge connecting) : Abstract the data by envelope detector.
• Band pass filter (10kHz to 1MHz) : Data frequency bandwidth pass filter.
• Variable gain amplifier + fixed gain amplifier : Choosing the wide range output level by additional fixed gain amplifier.
• Comparator (10mVp-p to 2Vp-p) : Converting to the pulse signal of 0/5 volts from small signal.
• Regulator (2V) : Can be use the VCC = 2.7V to 6.0V (recommend VCC : 3V ±10% or 5V ±10%)
• Type changeover switch (card type A/B, C) : All smart card and RF-tag can be read and write by TYPE_CTL.
• Power save (mute) changeover switch : Power save (= 650μA) and output mute can be setting by PWR_CTL.




Similar Part No. - LA7209V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
126Kb / 1P
VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
More results


Similar Description - LA7209V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
MONOLITHIC LINEAR IC
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
Monolithic Linear IC FM Modulator and Demodulator IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
Monolithic Linear IC
February, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com