Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC446 Datasheet (PDF) - Hittite Microwave Corporation

HMC446 Datasheet PDF - Hittite Microwave Corporation
Part # HMC446
Download  HMC446 Download
File Size   236.5 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*

HMC446 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC446 Datasheet PDF - Hittite Microwave Corporation

Part # HMC446
Download  HMC446 Click to download

File Size   236.5 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*

HMC446 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC446

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC446 HITTITE-HMC446 Datasheet
177Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC446E HITTITE-HMC446E Datasheet
177Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC446 HITTITE-HMC446_08 Datasheet
177Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
More results


Similar Description - HMC446

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC446 HITTITE-HMC446_08 Datasheet
177Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
GaAs MMIC T/R SWITCH 5 - 6 GHz
logo
API Technologies Corp
CMD343 APITECH-CMD343 Datasheet
131Kb / 2P
E AMPS Duplexer 824 ??894 MHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com