Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4303 Datasheet (PDF) - Texas Instruments

THS4303 Datasheet PDF - Texas Instruments
Part # THS4303
Download  THS4303 Download
File Size   910.36 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDEBAND FIXED-GAIN AMPLIFIER

THS4303 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4303 Datasheet PDF - Texas Instruments

Part # THS4303
Download  THS4303 Click to download

File Size   910.36 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDEBAND FIXED-GAIN AMPLIFIER

THS4303 Datasheet (HTML) - Texas Instruments


THS4303 Product details

FEATURES
Fixed Closed-Loop Gain Amplifier
– 10 V/V (20 dB)
Wide Bandwidth: 1.8 GHz
High Slew Rate: 5500 V/μs
Low Total Input Referred Noise: 2.5 nV/ÖHz
Low Distortion
– HD2: –65 dBc at 70 MHz
– HD3: –76 dBc at 70 MHz
– IMD3: –85 dBc at 100 MHz
– OIP3: 34 dBm at 100 MHz
– IMD3: –70 dBc at 300 MHz specifi–
OIP 3: 27 dBm at 300 MHz
High Output Drive: ±180 mA
Power Supply Voltage: 3 V or 5 V

APPLICATIONS
Wideband Signal Processing
Wireless Transceivers
IF Amplifier
ADC Preamplifier
DAC Output Buffers
Test, Measurement, and Instrumentation
Medical and Industrial Imaging

DESCRIPTION
The THS4303 device is a wideband, fixed-gain ampli-
fier that offers high bandwidth, high slew rate, low
noise, and low distortion. This combination of specifi–
cations enables analog designers to transcend cur-
rent performance limitations and process analog sig-
nals at much higher speeds than previously possible
with closed-loop, complementary amplifier designs.
The devices are offered in a 16-pin leadless package
and incorporate a power-down mode for quiescent
power savings.




Similar Part No. - THS4303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI-THS4303 Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI1-THS4303 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTR TI-THS4303RGTR Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTT TI-THS4303RGTT Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTT TI1-THS4303RGTT Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
More results


Similar Description - THS4303

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
Wideband, Fixed Gain BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com