Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4303 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments THS4303 Datasheet HTML 11Page - Texas Instruments THS4303 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
TYPICAL THS4303 CHARACTERISTICS (5 V)
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 100 mVPP
VS = 5 V
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
RL = 100 Ω
VO = 2 VPP
VS = 5 V
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
10 G
−100
−80
−60
−40
−20
0
20
40
f − Frequency − Hz
VS = 5 V
S11
S12
S22
S21
−100
−80
−75
1
10
100
f − Frequency − MHz
−95
−90
−85
−70
−65
−60
HD3, VO = 2 VPP
HD2, VO = 2 VPP
HD2,
VO = 1 VPP
HD3,
VO = 1 VPP
RL = 100 Ω
VS = 5 V
−55
−100
−95
−90
−85
−80
−75
−70
−65
1
10
100
f − Frequency − MHz
RL = 1 kΩ
VS = 5 V
HD3, VO = 2 VPP
HD2, VO = 2 VPP
HD3, VO = 1 VPP
HD2, VO = 1 VPP
−60
−55
0
1000
2000
3000
4000
5000
6000
7000
0
0.5
1
1.5
2
2.5
VO − Output Voltage − VPP
RL = 100 Ω
VS = 5 V
Fall
Rise
−100
−90
−80
−70
−60
−50
−40
0
0.5
1
1.5
2
2.5
VO − Output Voltage Swing − VPP
RL = 100 Ω
VS = 5 V
HD3, f = 64 MHz
HD2, f = 64 MHz
HD2, f = 8 MHz
HD3, f = 8 MHz
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
10 M
100 M
1 G
f − Frequency − Hz
VO = 2 VPP
Envelope
VO = 1 VPP
Envelpoe
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
−90
−85
−80
−75
−70
−65
−60
−55
−50
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
VO = 2 VPP
Envelope
VO = 1 VPP
Envelope
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
S-PARAMETER
vs
SMALL SIGNAL
LARGE SIGNAL
FREQUENCY
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
SLEW RATE
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
SECOND-ORDER
THIRD-ORDER
HARMONIC DISTORTION
INTERMODULATION DISTORTION
INTERMODULATION DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com