Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4303 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments THS4303 Datasheet HTML 11Page - Texas Instruments THS4303 Datasheet HTML 12Page - Texas Instruments THS4303 Datasheet HTML 13Page - Texas Instruments THS4303 Datasheet HTML 14Page - Texas Instruments THS4303 Datasheet HTML 15Page - Texas Instruments THS4303 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.ti.com
TYPICAL THS4303 CHARACTERISTICS (3 V)
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 1 VPP
VS = 3 V
100 k
1 M
10 M
100 M
1 G
10 G
−100
−80
−60
−40
−20
0
20
40
f − Frequency − Hz
VS = 3 V
S11
S12
S22
S21
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 100 VPP
VS = 3 V
−90
−70
−60
1
10
100
f − Frequency − MHz
−80
−50
−40
VO = 0.5 VPP
VS = 3 V
−30
HD3, RL = 1 kΩ
HD2, RL = 100 Ω
HD3 RL = 100 Ω
HD2,
RL = 1 kΩ
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VO − Output Voltage −V
RL = 100 Ω
VS = 3 V
Fall
Rise
10
12
14
16
18
20
22
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω
VS = 3 V
RISO = 25 Ω, CL = 10 pF
RISO = 15 Ω, CL = 47 pF
RISO = 10 Ω, CL = 100 pF
+
−
RISO
CL
19.9
19.92
19.94
19.96
19.98
20
20.02
20.04
20.06
20.08
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 3 V
0
0.25
0.5
0.75
1
1.25
1.5
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 3 V
TC − Case Temperature − °C
0
2
4
6
8
10
12
14
−40−30−20−10 0
10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VS = 3 V
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
S-PARAMETER
vs
SMALL SIGNAL
LARGE SIGNAL
FREQUENCY
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 32.
Figure 33.
Figure 34.
HARMONIC DISTORTION
SLEW RATE
vs
vs
CAPACITIVE LOAD
FREQUENCY
OUTPUT VOLTAGE
FREQUENCY RESPONSE
Figure 35.
Figure 36.
Figure 37.
GAIN
INPUT OFFSET VOLTAGE
POSITIVE INPUT BIAS CURRENT
vs
vs
vs
CASE TEMPERATURE
CASE TEMPERATURE
CASE TEMPERATURE
Figure 38.
Figure 39.
Figure 40.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com