Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4303 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 17Page - Texas Instruments THS4303 Datasheet HTML 18Page - Texas Instruments THS4303 Datasheet HTML 19Page - Texas Instruments THS4303 Datasheet HTML 20Page - Texas Instruments THS4303 Datasheet HTML 21Page - Texas Instruments THS4303 Datasheet HTML 22Page - Texas Instruments THS4303 Datasheet HTML 23Page - Texas Instruments THS4303 Datasheet HTML 24Page - Texas Instruments THS4303 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
R4
49.9
Ω
_
+
Rf
VI
Rg
8
7
6
5
R2
49.9
Ω
R3
*
J2
VO
U1
1
2
3
4
+
22
µF
NC
C3
FB1
*
C7
47 pF
C8
C5
0.1
µF
R4
30.1
Ω
11 10
9
12
J4
VS−
+
22
µF
*
C6
47 pF
C9
C4
0.1
µF
R5
30.1
Ω
FB2
VS+
J3
14
13
16
PD
1
µF
C1
J1
J6
* = Not populated
C2
6454762
A
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
Figure 51. Typical THS4303 EVM Circuit Configuration
Figure 52. THS4303EVM Layout
(Top Layer and Silkscreen Layer)
Figure 53. THS4303EVM Board Layout
Figure 54. THS4303EVM Board Layout
(Ground Layers 2 and 3)
(Bottom Layer)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com