Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570 Datasheet (PDF) - NXP Semiconductors

PCA9570 Datasheet PDF - NXP Semiconductors
Part # PCA9570
Download  PCA9570 Download
File Size   1826.3 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Remote 4-bit general purpose outputs for 1 MHz I2C-bus

PCA9570 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9570 Datasheet PDF - NXP Semiconductors

Part # PCA9570
Download  PCA9570 Click to download

File Size   1826.3 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Remote 4-bit general purpose outputs for 1 MHz I2C-bus

PCA9570 Datasheet (HTML) - NXP Semiconductors


PCA9570 Product details

1. General description
The PCA9570 is a CMOS device that provides 4 bits of General Purpose parallel Output
(GPO) expansion in low voltage processor and handheld battery powered mobile
applications. It operates at 1 MHz I2C-bus speeds while maintaining backward
compatibility to Fast-mode (400 kHz) and Standard-mode (100 kHz).
The PCA9570 is a streamlined GPO that consists of 4-bit push-pull outputs that offer low
current consumption, small packaging options and a low operating voltage range of 1.1 V
to 3.6 V. The latched outputs are symmetrical 4 mA current drive capability at 3.3 V to
drive various control logic. The PCA9570 output expander provides a simple solution
when additional outputs are needed while keeping interconnections and floor space to a
minimum, for example, in battery powered mobile applications where PCBs are crowded
for interfacing to sensors, push buttons, etc.
The PCA9570 contains an internal Power-On Reset (POR) and a Software Reset feature
that initializes the device to its default state.
2. Features and benefits
 1 MHz I2C-bus interface with 6 mA SDA sink capability for lightly loaded buses
(<100 pF) and improved power consumption
 Compliant with the I2C-bus Fast and Standard modes
 1.1 V to 3.6 V operation
 Latched outputs with a sink/source capability of 4 mA at 3.3 V
 Readable device ID (manufacturer, device type, and revision)
 Software Reset
 Power-On Reset
 Low standby current
 40 C to +85 C operation
 ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
 Packages offered: TSSOP8, XQFN8 (0.4 mm lead pitch), XQFN8 (0.5 mm lead pitch)
3. Applications
 Smart phones and tablets
 Portable medical equipment
 Portable instrumentation and test measurement




Similar Part No. - PCA9570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574 NXP-PCA9574 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9574 NXP-PCA9574 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574BS NXP-PCA9574BS Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574BS NXP-PCA9574BS Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results


Similar Description - PCA9570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_10 Datasheet
683Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
Pericom Semiconductor C...
PI4IOE5V9570 PERICOM-PI4IOE5V9570 Datasheet
410Kb / 11P
4-bit general purpose outputs
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com