Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7320 Datasheet (PDF) - Texas Instruments

THS7320 Datasheet PDF - Texas Instruments
Part # THS7320
Download  THS7320 Download
File Size   831.92 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel ED Filter Video Amplifier with 4-V/V Gain

THS7320 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7320 Datasheet PDF - Texas Instruments

Part # THS7320
Download  THS7320 Click to download

File Size   831.92 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel ED Filter Video Amplifier with 4-V/V Gain

THS7320 Datasheet (HTML) - Texas Instruments


THS7320 Product details

1FEATURES
2• Very Low Total Quiescent Current:
3.5 mA at 3 V
• Disabled Supply Current: 0.15 μA
• Third-Order Butterworth Low-Pass Filters:
– –1 dB at 17 MHz
– –3 dB at 20 MHz
– Attenuation: 21 dB at 43 MHz
– Supports Y’P’BP’R 480p/576p or
R’G’B’ Video third–
Supports Oversampled Systems
Generating CVBS, S-Video, or
Y’P’BP’R 480i/576i
• DC-Coupled Input with 150-mV Output Shift
• Built-In Gain: 4 V/V (12 dB)
• Single-Supply Operation: +2.6 V to +5 V
• Rail-to-Rail Output Supports
AC- or DC-Coupling
• Low Differential Gain/Phase: 0.1%/0.1°
• Output Pins Support ±8-kV IEC ESD Protection
• Ultra Small, WCSP 9-Ball Package:
– Tiny PCB Area: 0.96 mm x 0.96 mm (Typ)
– Very Low Profile Height: 0.5 mm (Max)
– Pitch: 0.3 mm

APPLICATIONS
• Personal Media Players
• Digital Cameras
• Cellular Phone Video Output Buffering

DESCRIPTION
Fabricated using the revolutionary, complementary
Silicon-Germanium (SiGe) BiCom-3X process, the
THS7320 is a very low power, single-supply, 2.6-V to
5-V, three-channel integrated video buffer with a gain
of 4 V/V. This device is ideal for battery-powered
applications where size and power are critical
parameters. The total quiescent current is only 3.5
mA at 3 V and the video portion can be reduced
down to 0.15 μA while disabled.
The THS7320 video section incorporates three
enhanced definition (ED) filter channels with third–
order Butterworth characteristics. These filters are
useful as digital-to-analog converter (DAC)
reconstruction filters or as analog-to-digital converter
(ADC) antialiasing filters. The THS7320 is also ideal
for oversampled systems that produce standard
definition (SD) signals including CVBS, S-Video,
480i/576iY’P’BP’R, Y’U’V’, and R’G’B’.
The THS7320 is designed for dc-coupled inputs. To
mitigate any DAC/encoder termination interaction, the
input impedance is a very high 2.4 MΩ. The internal
level shift adds 150-mV offset at the output to
eliminate saturation or clipping concerns. The rail-to-
rail output supports either dc- or ac- coupling.
The THS7320 is available in an ultra small, 9-ball
wafer chip-scale package (WCSP) package that
requires an ultra small, 0.92-mm2 (typ) printed circuit
board (PCB) area.




Similar Part No. - THS7320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCR TI-THS7320IYHCR Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCT TI-THS7320IYHCT Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
More results


Similar Description - THS7320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7315 TI-THS7315 Datasheet
2Mb / 26P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
logo
Maxim Integrated Produc...
MAX9515 MAXIM-MAX9515 Datasheet
275Kb / 9P
1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain
Rev 0; 2/08
logo
Texas Instruments
THS7375 TI-THS7375 Datasheet
918Kb / 36P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7320 TI-THS7320 Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
logo
Maxim Integrated Produc...
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com