Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7327 Datasheet (PDF) - Texas Instruments

THS7327 Datasheet PDF - Texas Instruments
Part # THS7327
Download  THS7327 Download
File Size   782.62 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru, 2:1 Input MUX, and Selectable Input Bias Modes

THS7327 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7327 Datasheet PDF - Texas Instruments

Part # THS7327
Download  THS7327 Click to download

File Size   782.62 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru, 2:1 Input MUX, and Selectable Input Bias Modes

THS7327 Datasheet (HTML) - Texas Instruments


THS7327 Product details

1FEATURES
2345• 3-Video Amplifiers for CVBS, S-Video,
SD/ED/HD Y'P'BP'R, G'B'R', and R'G'B' Video
• HV Sync Paths With Adj. Schmitt Trigger
• 2:1 Input MUX
• I2C™ Control of All Functions
• Integrated Low-Pass Filters on ADC Buffers
– 5th Order Butterworth Characteristics
– Selectable Corner Frequencies of 9-MHz,
16-MHz, 35-MHz, and 75-MHz with Bypass (500-MHz)
• Selectable Input Bias Modes:
– AC-Coupled with Sync-Tip Clamp
– AC-Coupled with Bias
– DC-Coupled with Offset Shift
– DC-Coupled
• Monitor Pass-Thru Function:
– Passes the Input Signal With no Filtering
– 500-MHz BW and 1300 V/μs Slew Rate
– 6-dB Gain With SAG Correction Capable
– High Output Impedance in Disable State
• 2.7-V to 5-V Single Supply Operation
• Low 330 mW at 3.3-V Power Consumption
• Disable Function Reduces Current to < 1 μA
• Rail-to-Rail Output:
– Output Swings Within 0.1 V From the Rails
Which Allows AC or DC Output Coupling
• RoHS TQFP Package

APPLICATIONS
• Projectors
• Professional Video Systems
• LCD/DLP/LOCS Input Buffering

DESCRIPTION
Fabricated using the new complementary
silicon-germanium (SiGe) BiCom-III process, the
THS7327 is a low-power, single-supply 2.7-V to 5-V,
3-channel integrated video buffer with H and V Sync
signal paths. It incorporates a selectable 5th order
Butterworth anti-aliasing filter on each channel. The
9-MHz is a perfect choice for SDTV video including
composite, S-Video™, and 480i/576i. The 16-MHz
filter is ideal for EDTV 480p/576p and VGA signals.
The 35-MHz filter is useful for HDTV 720p/1080i and
SVGA signals. The 75-MHz filter is ideal for HDTV
1080p and XGA/SXGA signals. For UXGA/QXGA
R’G’B’ signals, the filter can be bypassed allowing a
500-MHz bandwidth, 1150-V/μs amplifier to buffer the
signal.




Similar Part No. - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7327 TI-THS7327 Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHP TI-THS7327PHP Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHPG4 TI-THS7327PHPG4 Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHPR TI-THS7327PHPR Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHPRG4 TI-THS7327PHPRG4 Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
More results


Similar Description - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7303 TI-THS7303 Datasheet
5Mb / 43P
3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com