Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1510 Datasheet (PDF) - Cypress Semiconductor

CY2DP1510 Datasheet PDF - Cypress Semiconductor
Part # CY2DP1510
Download  CY2DP1510 Download
File Size   303.53 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1:10 LVPECL Fanout Buffer with Selectable Clock Input

CY2DP1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY2DP1510 Datasheet PDF - Cypress Semiconductor

Part # CY2DP1510
Download  CY2DP1510 Click to download

File Size   303.53 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1:10 LVPECL Fanout Buffer with Selectable Clock Input

CY2DP1510 Datasheet (HTML) - Cypress Semiconductor


CY2DP1510 Product details

Functional Description
The CY2DP1510 is an ultra-low noise, low skew, low-propagation delay 1:10 LVPECL fanout buffer targeted to meet the requirements of high-speed clock distribution applications. The CY2DP1510 can select between two separate LVPECL input clock pairs using the IN_SEL pin. The device has a fully differential internal architecture that is optimized to achieve low additive jitter and low skew at operating frequencies of up to 1.5 GHz.

Features
■ Select one of two low-voltage positive emitter-coupled logic (LVPECL) input pairs to distribute to 10 LVPECL output pairs
■ 40-ps maximum output-to-output skew
■ 600-ps maximum propagation delay
■ 0.11-ps maximum additive RMS phase jitter at 156.25 MHz (12-kHz to 20-MHz offset)
■ Up to 1.5-GHz operation
■ 32-Pin thin quad flat pack (TQFP) package
■ 2.5-V or 3.3-V operating voltage[1]
■ Commercial and industrial operating temperature range




Similar Part No. - CY2DP1510

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1502 CYPRESS-CY2DP1502 Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXC CYPRESS-CY2DP1502SXC Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXCT CYPRESS-CY2DP1502SXCT Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXI CYPRESS-CY2DP1502SXI Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXIT CYPRESS-CY2DP1502SXIT Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
More results


Similar Description - CY2DP1510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Cypress Semiconductor
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
Analog Devices
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com