Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1510 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP1510
Description  1:10 LVPECL Fanout Buffer with Selectable Clock Input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1510 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP1510 Datasheet HTML 1Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 2Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 3Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 4Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 5Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 6Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 7Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 8Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY2DP1510
1:10 LVPECL Fanout Buffer with Selectable
Clock Input
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-55566 Rev. *G
Revised February 25, 2011
Features
Select one of two low-voltage positive emitter-coupled logic
(LVPECL) input pairs to distribute to 10 LVPECL output pairs
40-ps maximum output-to-output skew
600-ps maximum propagation delay
0.11-ps maximum additive RMS phase jitter at 156.25 MHz
(12-kHz to 20-MHz offset)
Up to 1.5-GHz operation
32-Pin thin quad flat pack (TQFP) package
2.5-V or 3.3-V operating voltage
[1]
Commercial and industrial operating temperature range
Functional Description
The
CY2DP1510
is
an
ultra-low
noise,
low
skew,
low-propagation delay 1:10 LVPECL fanout buffer targeted to
meet
the
requirements
of
high-speed
clock
distribution
applications. The CY2DP1510 can select between two separate
LVPECL input clock pairs using the IN_SEL pin. The device has
a fully differential internal architecture that is optimized to
achieve low additive jitter and low skew at operating frequencies
of up to 1.5 GHz.
Note
1. Input AC-coupling capacitors are required for voltage-translation applications.
Logic Block Diagram
VBB
Q0
Q0#
Q1
Q1#
Q2
Q2#
Q3
Q3#
Q4
Q4#
Q5
Q5#
Q6
Q6#
Q8
Q8#
Q9
Q9#
Q7
Q7#
IN0
IN0#
IN1
IN1#
100k
IN_SEL
VDD
VSS
VDD
[+] Feedback


Similar Part No. - CY2DP1510

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1502 CYPRESS-CY2DP1502 Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXC CYPRESS-CY2DP1502SXC Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXCT CYPRESS-CY2DP1502SXCT Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXI CYPRESS-CY2DP1502SXI Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXIT CYPRESS-CY2DP1502SXIT Datasheet
482Kb / 13P
1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
More results

Similar Description - CY2DP1510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Cypress Semiconductor
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
Analog Devices
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com