Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1510 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2DP1510
Description  1:10 LVPECL Fanout Buffer with Selectable Clock Input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1510 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2DP1510 Datasheet HTML 1Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 2Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 3Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 4Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 5Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 6Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 7Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 8Page - Cypress Semiconductor CY2DP1510 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY2DP1510
Document Number: 001-55566 Rev. *G
Page 3 of 13
Pinouts
Figure 1. Pin Diagram – 32-Pin TQFP Package
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
VDD
Q2#
Q2
Q1#
Q1
Q0#
Q0
VDD
VDD
Q7
Q7#
Q8
Q8#
Q9
Q9#
VDD
CY2DP1510
Table 1. Pin Definitions
Pin No.
Pin Name
Pin Type
Description
1, 9, 16, 25, 32
VDD
Power
Power supply
2
IN_SEL
Input
Input clock select pin. Low-voltage complementary metal oxide
semiconductor (LVCMOS)/low-voltage transistor-transistor-logic (LVTTL).
When IN_SEL = Low, the IN0/IN0# differential input pair is active
When IN_SEL = High, the IN1/IN1# differential input pair is active
3
IN0
Input
LVPECL input clock. Active when IN_SEL = Low
4
IN0#
Input
LVPECL complementary input clock. Active when IN_SEL = Low
5VBB
Output
LVPECL reference voltage output
6
IN1
Input
LVPECL input clock. Active when IN_SEL = High
7
IN1#
Input
LVPECL complementary input clock. Active when IN_SEL = High
8VSS
Power
Ground
10,12,14,17,19,21,
23,26,28,30
Q(0:9)#
Output
LVPECL complementary output clocks
11,13,15,18,20,22,
24,27,29,31
Q(0:9)
Output
LVPECL output clocks
–
EPAD
–
Exposed paddle. Connect to ground plane for package heat dissipation.
No electrical connection.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com