Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432LI Datasheet (PDF) - Texas Instruments

TL432LI Datasheet PDF - Texas Instruments
Part # TL432LI
Download  TL432LI Download
File Size   919.92 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current

TL432LI Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432LI Datasheet PDF - Texas Instruments

Part # TL432LI
Download  TL432LI Click to download

File Size   919.92 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current

TL432LI Datasheet (HTML) - Texas Instruments


TL432LI Product details

1 Features
• Reference Voltage Tolerance at 25°C
– 0.5% (B Grade)
– 1% (A Grade)
• Minimum Typical Output Voltage: 2.495 V
• Adjustable Output Voltage: Vref to 36 V
• Operation From −40°C to +125°C (Q Temp)
• Maximum Temperature Drift
– 10 mV (C Temp)
– 17 mV (I Temp)
– 27 mV (Q Temp)
• 0.3-Ω Typical Output Impedance
• Sink-Current Capability
– Imin = 1 mA (max)
– IKA = 15 mA (max)
• Reference Input Current IREF: 0.4 μA (max)
• Deviation of Reference Input Current over
Temperature, II(dev): 0.3 μA (max)

2 Applications
• Adjustable Voltage and Current Referencing
• Secondary Side Regulation in Flyback SMPS
• Zener Diode Replacement
• Voltage Monitoring
• Precision Constant Current Sink/Source
• Comparator with Integrated Reference

3 Description
The TL431LI device is a three-terminal adjustable
shunt regulator, with specified thermal stability over
applicable automotive, commercial, and military
temperature ranges. The output voltage can be set to
any value between Vref (approximately 2.495 V) and
36 V, with two external resistors. These devices have
a typical output impedance of 0.3 Ω. Active output
circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for
Zener diodes in many applications, such as onboard
regulation, adjustable power supplies, and switching
power supplies. This device is a pin-to-pin alternative
to the industry standard TL431, with optimized Iref and
IIdev performance. The lower Iref and IIdev values
enable designers to achieve higher system accuracy
and lower leakage current. The TL432LI device has
exactly the same functionality and electrical
specifications as the TL431LI device, but has a
different pinout for the DBZ package.
The TL431LI device is offered in two grades, with
initial tolerances (at 25°C) of 0.5% and 1%, for the B
and A grade, respectively. In addition, low output drift
versus temperature ensures good stability over the
entire temperature range.
The TL43xLIxQ devices are characterized for
operation from –40°C to 125°C.




Similar Part No. - TL432LI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432LI TI1-TL432LI Datasheet
777Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL432LI TI1-TL432LI Datasheet
774Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL432LI TI1-TL432LI Datasheet
851Kb / 34P
Programmable Shunt Regulator With Optimized Reference Current
TL432LI TI1-TL432LI Datasheet
852Kb / 34P
TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
TL432LI-Q1 TI1-TL432LI-Q1 Datasheet
851Kb / 34P
Programmable Shunt Regulator With Optimized Reference Current
More results


Similar Description - TL432LI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
logo
Texas Instruments
TL431LI TI1-TL431LI Datasheet
777Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL431LI TI1-TL431LI_18 Datasheet
774Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1 Datasheet
851Kb / 34P
Programmable Shunt Regulator With Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1_V01 Datasheet
852Kb / 34P
TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com