Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1221 Datasheet (PDF) - Texas Instruments

TLK1221 Datasheet PDF - Texas Instruments
Part # TLK1221
Download  TLK1221 Download
File Size   936.45 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ETHERNET TRANSCEIVER

TLK1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLK1221 Datasheet PDF - Texas Instruments

Part # TLK1221
Download  TLK1221 Click to download

File Size   936.45 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ETHERNET TRANSCEIVER

TLK1221 Datasheet (HTML) - Texas Instruments


TLK1221 Product details

1FEATURES
23• 0.6- to 1.3-Gigabits Per Second (Gbps)
Serializer/Deserializer
• Low Power Consumption 250 mW (typ) at 1.25
Gbps
• LVPECL-Compatible Differential I/O on
High-Speed Interface
• Single Monolithic PLL Design
• Support For 10-Bit Interface
• Fast Relock Times Less Than 256 ns (typ)
Suitable for EPON/GEPON Applications such
as OLT and ONU Systems
• Receiver Differential-Input Thresholds, 200-mV
Minimum
• Industrial Temperature Range From –40°C to
85°C
• IEEE 802.3 Gigabit Ethernet Compliant
• Designed in 0.25 μm CMOS Technology
• No External Filter Capacitors Required
• Comprehensive Suite of Built-In Testability
• 2.5-V Supply Voltage for Lowest-Power
Operation
• 3.3-V Tolerant on LVTTL Inputs
• Hot Plug Protection
• 40-Pin 6-mm × 6-mm QFN PowerPAD™
Package

DESCRIPTION
The TLK1221 gigabit Ethernet transceiver provides for high-speed full-duplex point-to-point data transmissions.
These devices are based on the timing requirements of the 10-bit interface specification by the IEEE 802.3
Gigabit Ethernet specification. The TLK1221 supports data rates from 0.6 Gbps through 1.3 Gbps.
The primary application of these devices is to provide building blocks for point-to-point baseband data
transmission over controlled-impedance media of 50 Ω. The transmission media can be printed-circuit board
traces, copper cables or fiber-optical media. The ultimate rate and distance of data transfer is dependent upon
the attenuation characteristics of the media and the noise coupling to the environment.
The TLK1221 performs the data serialization, deserialization, and clock extraction functions for a physical layer
interface device. The transceiver operates at 1.25 Gbps (typical), providing up to 1 Gbps of data bandwidth over
a copper or optical media interface.
This device supports the defined 10-bit interface (TBI). In the TBI mode, the serializer/deserializer (SERDES)
accepts 10-bit wide 8b/10b parallel encoded data bytes. The parallel data bytes are serialized and transmitted
differentially at PECL-compatible voltage levels. The SERDES extracts clock information from the input serial
stream and deserializes the data, outputting a parallel 10-bit data byte.
A comprehensive series of built-in tests is provided for self-test purposes, including loopback and pseudorandom
binary sequence (PRBS) generation and verification.
The TLK1221 is housed in a high-performance, thermally enhanced, 40-pin QFN package. Use of this package
does not require any special considerations except to note that the pad, which is an exposed die pad on the
bottom of the device, is a metallic thermal and electrical conductor. It is required that the TLK1221 pad be
soldered to the thermal land on the board as it serves as the main ground connection for the device.
The TLK1221 is characterized for operation from –40°C to 85°C.
This device uses a 2.5-V supply. The I/O section is 3.3-V compatible. With the 2.5-V supply, the chipset is very
power-efficient, dissipating less than 200 mW typical power when operating at 1.25 Gbps.
The TLK1221 is designed to be hot-plug capable. A power-on reset causes RBC0, RBC1, the parallel output
signal terminals, TXP, and TXN to be held in the high-impedance state.




Similar Part No. - TLK1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHA TI-TLK1221RHA Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHAR TI-TLK1221RHAR Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHARG4 TI-TLK1221RHARG4 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
TLK1221RHAT TI-TLK1221RHAT Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
More results


Similar Description - TLK1221

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
ETHERNET TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
Enhanced Ethernet Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com