Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2711-SP Datasheet (PDF) - Texas Instruments

TLK2711-SP Datasheet PDF - Texas Instruments
Part # TLK2711-SP
Download  TLK2711-SP Download
File Size   926.38 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLK2711-SP 1.6Gbps to 2.5Gbps Class V Transceiver

TLK2711-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
TLK2711-SP Datasheet PDF - Texas Instruments

Part # TLK2711-SP
Download  TLK2711-SP Click to download

File Size   926.38 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLK2711-SP 1.6Gbps to 2.5Gbps Class V Transceiver

TLK2711-SP Datasheet (HTML) - Texas Instruments


TLK2711-SP Product details

1 Features
• 1.6Gbps to 2.5Gbps (Gigabits per second)
serializer/deserializer
• Hot-plug protection
• High-performance 68-pin ceramic quad flat pack
package (HFG)
• Low-power operation
• Programmable preemphasis levels on serial output
• Interfaces to backplane, copper cables, or optical
converters
• On-chip 8-bit/10-bit encoding/decoding, comma
detect
• On-chip PLL provides clock synthesis from lowspeed
reference
• Low power: < 500mW
• 3V tolerance on parallel data input signals
• 16-bit parallel TTL-compatible data interface
• Designed for high-speed backplane interconnect
and point-to-point data link
• Military temperature range (–55°C to 125°C Tcase)
• Loss-of-Signal (LOS) detection
• Integrated 50Ω termination resistors on RX
• Engineering evaluation (/EM) samples are
available 1

2 Applications
• Point-to-Point High-Speed I/O
• Data Acquisition
• Data Processing

3 Description
The TLK2711-SP is a member of the WizardLink
transceiver family of multigigabit transceivers,
intended for use in ultra-high-speed bidirectional
point-to-point data transmission systems. The
TLK2711-SP supports an effective serial interface
speed of 1.6Gbps to 2.5Gbps, providing up to 2Gbps
of data bandwidth.
The primary application of the TLK2711-SP is to
provide high-speed I/O data channels for point-topoint
baseband data transmission over controlled
impedance media of approximately 50Ω. The
transmission media can be printed circuit board,
copper cables, or fiber-optic cable. The maximum rate
and distance of data transfer is dependent upon the
attenuation characteristics of the media and the noise
coupling to the environment.
This device can also be used to replace parallel data
transmission architectures by providing a reduction in
the number of traces, connector pins, and transmit/
receive pins. Parallel data loaded into the transmitter
is delivered to the receiver over a serial channel,
which can be a coaxial copper cable, a controlled
impedance backplane, or an optical link. It is then
reconstructed into its original parallel format. It offers
significant power and cost savings over parallel
solutions, as well as scalability for higher data rates
in the future.
The TLK2711-SP performs parallel-to-serial and
serial-to-parallel data conversion. The clock extraction
functions as a physical layer (PHY) interface device.
The serial transceiver interface operates at a
maximum speed of 2.5Gbps. The transmitter latches
16-bit parallel data at a rate based on the supplied
reference clock (TXCLK). The 16-bit parallel data is
internally encoded into 20 bits using an 8-bit/10-bit
(8b/10b) encoding format. The resulting 20-bit word
is then transmitted differentially at 20× the reference
clock (TXCLK) rate. The receiver section performs
the serial-to-parallel conversion on the input data,
synchronizing the resulting 20-bit wide parallel data
to the recovered clock (RXCLK). It then decodes the
20-bit wide data using the 8-bit/10-bit decoding format
resulting in 16 bits of parallel data at the receive data
pins (RXD0–RXD15). The outcome is an effective
data payload of 1.28Gbps to 2Gbps (16 bits data ×
the frequency).
The TLK2711-SP is available in a 68-pin ceramic
nonconductive tie-bar package (HFG).




Similar Part No. - TLK2711-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP Datasheet
414Kb / 29P
TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results


Similar Description - TLK2711-SP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
SONET/SDH 2.5Gbps Transport Terminating Transceiver
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
2.5Gbps SFP TRANSCEIVER MODULE
logo
Source Photonics, Inc.
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
1~2.5Gbps 850nm SFF 2횞5 Transceiver
logo
Texas Instruments
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
1.6-Gbps to 2.5-Gbps Class V Transceiver
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
logo
Texas Instruments
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com