Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC9142 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC9142 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC9142
Download  VSC9142 Download
File Size   249.87 Kbytes
Page   30 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SONET/SDH 2.5Gbps Transport Terminating Transceiver

VSC9142 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC9142 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC9142
Download  VSC9142 Click to download

File Size   249.87 Kbytes
Page   30 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SONET/SDH 2.5Gbps Transport Terminating Transceiver

VSC9142 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC9142 Product details

Functional Overview
The VSC9142 is a dual mode SONET/SDH to Packet/ATM framing device that integrates the physical layer components of 2.5 Gbps clock and data recovery and serialization/deserialization into a single device. In the Packet over SONET (POS) mode, this device can be used in equipment interconnecting IP/PPP/HDLC data over public or private SONET/SDH networks. Similarly, in the ATM over SONET (ATM) mode, this device can be used in equipment interconnecting ATM switches. In addition, the VSC9142 can be used in various applications involving LAPS (X.85/Y.1321) and Ethernet over SONET/SDH protocols.

Features
• Dual Mode STS-48c/STM-16c to Packet/ATM Framing Device for User Network Interface and Network Node Interface Applications
• Integrated 2.5 Gbps Clock and Data Recovery and Serial Clock and Data Output with Power-Down Feature
• Selectable Reference Clock Frequencies and Sources for Transmit and Receive datapaths
• Terminates and Generates Full SONET/SDH Section, Line, and Path Layers
• Dedictated Ports for Section/Line Overhead Access (Extraction/Insertion)
• Extensive SONET/Packet/Cell Performance Monitoring Features
• Programmable Packet/Cell Filtering and Discarding Functionalities
• Industry Compliant Drop Side Packet/Cell Interface for Single-PHY Applications
• 4-bit OIF Compliant Line Interface to be usedfor STS-192 applications
• +1.8V and +3.3V Power Supplies
• Compliant with SONET and SDH Requirements as Stated in ANSI T1.105, Bellcore GR-253-CORE and ITU-T G.707 Documents
• Compliant with PPP in HDLC-like Framing and Mapping into SONET/SDH as Defined in IETF RDFC 1619/1661/1662/2615




Similar Part No. - VSC9142

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
Target Specification
VSC9115 VITESSE-VSC9115 Datasheet
162Kb / 2P
2.5 Gb/s Multi-Service SONET/SDH Mapper Device with Virtual Concatenation
VSC9118 VITESSE-VSC9118 Datasheet
190Kb / 2P
10 Gb/s / Quad 2.5 Gb/s Multi-Service SONET/SDH Mapper Device with Virtual Concatenation
VSC9125 VITESSE-VSC9125 Datasheet
492Kb / 2P
Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
VSC9128 VITESSE-VSC9128 Datasheet
492Kb / 2P
Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
More results


Similar Description - VSC9142

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343STXC PMC-PM5343STXC Datasheet
1Mb / 198P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
PM5344SPTX PMC-PM5344SPTX Datasheet
1Mb / 212P
SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com