Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5312 Datasheet (PDF) - PMC-Sierra, Inc

PM5312 Datasheet PDF - PMC-Sierra, Inc
Part # PM5312
Download  PM5312 Download
File Size   77.07 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Transport Overhead Terminating Transceiver

PM5312 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5312 Datasheet PDF - PMC-Sierra, Inc

Part # PM5312
Download  PM5312 Click to download

File Size   77.07 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Transport Overhead Terminating Transceiver

PM5312 Datasheet (HTML) - PMC-Sierra, Inc


PM5312 Product details

FEATURES
• Monolithic SONET/SDH Transport Overhead Terminating Transceiver for use
   in STS-1, STS-3 (STM-1), or STS-12 (STM-4) line interface applications.
• Operates in one of four modes: STS-1 bit serial mode, STS-1 byte serial
   mode, STS-3/STM-1 byte serial mode, or STS-12/STM-4 byte serial mode.
• Provides independent control of the transmit and receive operating modes.
• Performs byte interleaved multiplexing of lower rate drop side SONET/SDH
   data streams. STS-3 to STS-1, STM-4 to STM-1 and STS-12 to STS-3
   multiplexing modes are supported.
• Processes byte serial data at 6.48 Mbyte/s, 19.44 Mbyte/s or 77.76 Mbyte/s
   depending on the mode selected.
• Frames to the receive stream by monitoring the status of the upstream
   pattern detector provided by available Serial to Parallel / Parallel to Serial
   front end devices.
• Optionally inserts the framing bytes (A1, A2) and the STS identification bytes
   (C1) into the transmit stream.
• Optionally descrambles the receive STS-1, STS-3/STM-1 or STS-12/STM-4
   stream. Optionally scrambles the transmit STS-1, STS-3/STM-1 or
   STS-12/STM-4 stream.
• Calculates and compares the bit interleaved parity error detection codes (B1,
   B2) for the receive stream. Calculates and inserts B1 and B2 in the transmit
   stream.
• Optionally inserts line far end block errors (FEBE) into the Z2 growth byte
   based on received B2 errors.
• Accumulates near end errors (B1, B2) and far end errors (Z2) for
   performance monitoring purposes.
• Extracts the order wire channels (E1, E2) of the receive stream and serializes
   them at 64 kbit/s. Optionally inserts the order wire channels into the transmit
   stream.
• Extracts the data communication channels (D1-D3, D4-D12) and serializes
   them at 192 kbit/s (D1-D3) and 576 kbit/s (D4-D12). Optionally inserts the
   data communication channels into the transmit stream.
• Extracts the section user channel (F1) and serializes it at 64 kbit/s. Optionally
   inserts the section user channel into the transmit stream.
• Extracts the automatic protection switch (APS) channel (K1, K2) and
   serializes it at 128 kbit/s. Detects loss of signal (LOS), out of frame (OOF),
   loss of frame (LOF), far end receive failure (FERF), line alarm indication
   signal (AIS), and protection switching byte failure alarms.
• Inserts FERF and AIS in the transmit stream.
• Provides loss of signal insertion, framing pattern error insertion, and coding
   violation insertion (B1 and B2) for diagnostic purposes. Provides a transmit
   and receive ring control port, allowing alarm and maintenance signal control
   and status to be passed between mate STTXs for applications in ring-based
   add drop multiplexers.
• Low power +5 Volt 0.8 micron CMOS with TTL/CMOS compatible inputs and
   outputs.
• 208 pin copper slugged PQFP package.

APPLICATIONS
• OC-N to OC-M multiplexers
• SONET/SDH add drop multiplexers
• SONET/SDH terminal multiplexers
• Broadband ISDN user network interfaces
• ATM Transmission systems
• SONET/SDH test equipment




Similar Part No. - PM5312

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5312 PMC-PM5312 Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5312-SI PMC-PM5312-SI Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
More results


Similar Description - PM5312

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
logo
fujitsu semiconductor
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
SDH TRANSPORT
logo
Vitesse Semiconductor C...
VSC8150 VITESSE-VSC8150 Datasheet
164Kb / 20P
2.488Gb/s SONET/SDH Overhead Monitor
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
SONET/SDH 2.5Gbps Transport Terminating Transceiver
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
SONET/SDH STS-192 Overhead and Path Processor
May 2003
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343STXC PMC-PM5343STXC Datasheet
1Mb / 198P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
PM5344SPTX PMC-PM5344SPTX Datasheet
1Mb / 212P
SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com