Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5343 Datasheet (PDF) - PMC-Sierra, Inc

PM5343 Datasheet PDF - PMC-Sierra, Inc
Part # PM5343
Download  PM5343 Download
File Size   53.78 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver

PM5343 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5343 Datasheet PDF - PMC-Sierra, Inc

Part # PM5343
Download  PM5343 Click to download

File Size   53.78 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver

PM5343 Datasheet (HTML) - PMC-Sierra, Inc


PM5343 Product details

FEATURES
• Monolithic SONET/SDH Transport Overhead Terminating Transceiver for use
   in STS-1, STS-3 or STM-1 interface applications, operating at serial interface
   speeds of up to 155.52 Mbit/s.
• Provides termination for SONET Section and Line, and SDH Regenerator
   Section and Multiplexer Section transport overhead.
• Companion to the PM5344 SPTX SONET/SDH Path Terminating Transceiver.
• Operates in STS-1 and STS-3 bit-serial (PECL/TTL I/O) and byte-serial (TTL
   I/O) modes. Provides independent control of the transmit and receive
   operating modes for asymmetrical bandwidth applications.
• Frames to the STS-1 or STS-3 (STM-1) receive stream and inserts the
   framing bytes (A1, A2) and the STS identification bytes (J0) into the transmit
   stream; Descrambles the receive stream and scrambles the transmit stream.
• Calculates and compares the bit interleaved parity error detection codes (B1,
   B2) for the receive stream and calculates and inserts B1 and B2 in the
   transmit stream.
• Accumulates near end errors (B1, B2) and far end errors (M1) and inserts
   line remote error indications (REI) into the Z2 growth byte based on received
   B2 errors.
• Detects signal degrade (SD) and signal fail (SF) threshold crossing alarms
   based on received B2 errors.
• Optionally inserts the line BIP-8 error detection code into each of the
   constituent STS-1s (B2 bytes) of the transmit STS-1/3 stream.
• Extracts and serializes the order wire channels (E1, E2), the data
   communication channels (D1-D3, D4-D12) and the section user channel (F1)
   from the receive stream, and inserts the corresponding signals into the
   transmit stream.
• Extracts and serializes the automatic protection switch (APS) channel (K1,
   K2) bytes, filtering and extracting them into internal registers. Inserts the APS
   channel into the transmit stream.
• Detects loss of signal (LOS), out of frame (OOF), loss of frame (LOF), line
   remote defect indication (RDI), line alarm indication signal (AIS), and
   protection switching byte failure alarms.
• Inserts and extracts a 64 byte or 16 byte section trace (J0) message using an
   internal register bank. Detects an unstable section trace message or
   mismatch with an expected message, and inserts Line AIS upon either of
   these conditions.
• Inserts RDI and AIS in the transmit stream.
• Provides loss of signal insertion, framing pattern error insertion, and coding
   violation insertion (B1 and B2) for diagnostic purposes. B1 and B2 errors can
   also be generated "on-the-fly" using an error insertion mask.
• Provides a transmit and receive ring control port, allowing alarm and
   maintenance signal control and status to be passed between mate STXCs for
   ring-based add drop multiplexer applications.
• Low power +5 Volt 0.8 micron CMOS. Device has PECL and TTL compatible
   inputs and outputs.
• 160 pin copper leadframe MQFP package. Supports Industrial Temperature
   Range (-40°C to 85°C) operation.

APPLICATIONS
• OC-N Regenerators
• OC-N to OC-M multiplexers
• SONET/SDH add drop multiplexers
• SONET/SDH terminal multiplexers
• Broadband ISDN user network interfaces
• SONET/SDH test equipment




Similar Part No. - PM5343

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PM5343-RI PMC-PM5343-RI Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PM5343-RI PMC-PM5343-RI Datasheet
1Mb / 198P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
PM5343STXC PMC-PM5343STXC Datasheet
1Mb / 198P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER TELECOM STANDARD PRODUCT
More results


Similar Description - PM5343

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
SONET/SDH Interface for 622 & 155 Mbit/s
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
SONET/SDH 2.5Gbps Transport Terminating Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
PMC-Sierra, Inc
PM5312STTX PMC-PM5312STTX Datasheet
493Kb / 140P
SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5344SPTX PMC-PM5344SPTX Datasheet
1Mb / 212P
SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com