Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5319 Datasheet (PDF) - PMC-Sierra, Inc

PM5319 Datasheet PDF - PMC-Sierra, Inc
Part # PM5319
Download  PM5319 Download
File Size   46.26 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Interface for 622 & 155 Mbit/s

PM5319 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5319 Datasheet PDF - PMC-Sierra, Inc

Part # PM5319
Download  PM5319 Click to download

File Size   46.26 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Interface for 622 & 155 Mbit/s

PM5319 Datasheet (HTML) - PMC-Sierra, Inc


PM5319 Product details

FEATURES

SONET/SDH INTERFACE

• Interface rate software selectable between OC-3/STM-1 (155.52 Mbit/s) and OC-12/STM-4 (622.08 Mbit/s) rates

• Integrated clock recovery & synthesis allows direct interface to low-cost optical transceivers

• Integrated clock synthesis generates line clock from 77.76 MHz reference

• Complies with Bellcore, ANSI, and ITU specifications for Jitter Tolerance and Jitter Generation

• High order path processing and alignment to STS-1/AU-3/TU-3 level

• Full access to all SONET/SDH Transport overhead bytes via a dedicated serial port

• Full access to all SONET/SDH STS-1/AU-3/TU-3 path overhead bytes via a dedicated serial port

• Full access to all DCC bytes via a dedicated serial interface

• Ring Control port provides real time detection of error conditions and insertion of alarms such as AIS & RDI

• Section and Path Trace filter and monitor checks for Trace Identifier Mismatch (TIM) and Trace Identifier Unstable (TIU) conditions



DS3/E3/EC-1 INTERFACE

• Flexible three-port DS3/E3/EC-1 Interface

• Supports clear channel mapping/demapping of DS3 or E3 into/from STS-1, AU-3, or TU-3

• Fully digital desynchronizers require no external PLLs for standards compliant operation

• Integrated desynchronization CSU allows low rate reference clock at 44.736 MHz, 34.368 MHz, or 51.84 MHz

• Bi-directional digital jitter attenuation for DS3 and E3 streams allows interfacing to low cost LIUs

• Full bi-directional performance monitoring for DS3, E3, and EC-1 streams

• Full access to DS3/E3/EC-1 Overhead bytes



GENERAL FEATURES

• Provides an industry standard 8-bit, 77.76 MHz telecombus interface

• Multi-drop capability allows multiple devices to share the add/drop bus for redundancy or multiplexing purposes

• Full Time Slot Interchange (TSI) allows flexible mixing of traffic from the SONET/SDH and DS3/E3/EC-1 Interfaces

• Supports diagnostic 223-1 pseudo random bit-sequence (PRBS) generation and monitoring

• Provides a standard JTAG test-port for boundary scan board-test purposes

• Provides a generic 16-bit microprocessor interface for control and monitoring

• 15x15mm 196 ball CABGA package allows for flexible placement and routing



APPLICATIONS

• SONET/SDH Add/Drop Multiplexers

• Terminal Multiplexers

• Customer Premise Equipment

• Media Gateways

• Multiservice Provisioning Platforms

• Channelized Router Interfaces

• Digital Cross-Connects



 




Similar Part No. - PM5319

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
logo
Schneider Electric
PM5310 SCHNEIDER-PM5310 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
PM5310R SCHNEIDER-PM5310R Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
More results


Similar Description - PM5319

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
622/155 Mb/s SONET/SDH MDFP
logo
Agere Systems
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
May 2001
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
Rev. 2 July 2001
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
August 18, 2004
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
PMC-Sierra, Inc
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com