Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5313 Datasheet (PDF) - PMC-Sierra, Inc

PM5313 Datasheet PDF - PMC-Sierra, Inc
Part # PM5313
Download  PM5313 Download
File Size   126.58 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces

PM5313 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5313 Datasheet PDF - PMC-Sierra, Inc

Part # PM5313
Download  PM5313 Click to download

File Size   126.58 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces

PM5313 Datasheet (HTML) - PMC-Sierra, Inc


PM5313 Product details

DESCRIPTION
The PM5313 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER (SPECTRA-622) terminates the transport and path overhead of STS-12 (STM-4/AU3 or STM- 4/AU4) and STS-12c (STM-4-4c) streams at 622.08 Mbit/s. The SPECTRA-622 implements significant functions for a SONET/SDH compliant line interface, as well as DS3 mapping.

FEATURES
General
• Monolithic SONET/SDH PAYLOAD EXTRACTOR/ALIGNER for use in STS-12 (STM-4/AU3 or STM-4/AU4) or STS-12c (STM-4-4c) interface applications, operating at serial interface speeds of up to 622.08 Mbit/s.
• Provides integrated clock and data recovery and clock synthesis for direct connection to optical modules.
• Supports a duplex byte-serial 77.76 Mbyte/s STS-12 (STM-4/AU3 or STM-4/AU4) or STS-12c (STM-4-4c) line side interface for use in applications where by-passing clock recovery, clock synthesis, and serializer-deserializer functionality is desired.
• Supports clock recovery bypass for use in applications where external clock recovery is desired.
• Complies with Bellcore GR-253-CORE jitter tolerance (1995 issue), jitter transfer and intrinsic jitter criteria.
• Provides control circuitry to comply with Bellcore GR-253-CORE WAN clocking requirements related to wander transfer, holdover and long term stability when using an external VCXO.
• Provides termination for SONET Section and Line, SDH Regenerator Section and Multiplexer Section transport overhead, and path overhead of twelve STS-1 (STM-0/AU3) paths, four STS-3/3c (STM-1/AU3/AU4) paths or a single STS-12c (STM-4-4c) path.
• De-multiplexes an STM-4 receive stream to four STM-1 Telecom DROP bus streams.
• Multiplexes four STM-1 Telecom ADD bus streams to an STM-4 transmit stream.
• Maps twelve STS-1 (STM-0/AU3) payloads, four STS-3/3c (STM-1/AU3/AU4) payloads or a single STS-12c (STM-4-4c) payload to system timing reference, accommodating plesiochronous timing offsets between the references through pointer processing.
• Maps twelve DS3 bit streams into an STS-12 (STM-4/AU3) frame.
• Provides Time Slot Interchange (TSI) function at the Telecom ADD and DROP buses for grooming twelve STS-1 (STM-0/AU3) paths or four STS-3/3c (STM-1/AU3/AU4) paths.
• Supports line loopback from the line side receive stream to the transmit stream and diagnostic loopback from a Telecom ADD bus interface to a Telecom DROP bus interface.
• Supports OC-48(STM-16) applications by providing parallel receive and transmit line side ports used to connect to front-end OC-48 devices.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 3.3V CMOS with TTL compatible digital inputs and CMOS/TTL digital outputs. PECL inputs and outputs are 3.3V and 5V compatible.
• Industrial temperature range (-40°C to +85°C).
• 520 pin Super BGA package.

APPLICATIONS
• SONET/SDH Add Drop Multiplexers
• SONET/SDH Terminal Multiplexers
• SONET/SDH Line Multiplexers
• SONET/SDH Cross Connects
• SONET/SDH Test Equipment
• Switches and Hubs
• Routers




Similar Part No. - PM5313

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5313 PMC-PM5313 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313-BI PMC-PM5313-BI Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
More results


Similar Description - PM5313

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
SONET/SDH Interface for 622 & 155 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com