Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5315 Datasheet (PDF) - PMC-Sierra, Inc

PM5315 Datasheet PDF - PMC-Sierra, Inc
Part # PM5315
Download  PM5315 Download
File Size   57.54 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s

PM5315 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5315 Datasheet PDF - PMC-Sierra, Inc

Part # PM5315
Download  PM5315 Click to download

File Size   57.54 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s

PM5315 Datasheet (HTML) - PMC-Sierra, Inc


PM5315 Product details

FEATURES
• Monolithic SONET/SDH Payload
   Extractor/Aligner for use in interface
   applications, operating at serial
   interface speeds of up to 2488 Mbit/s:
   • single STS-48c (STM-16/AU4-16c);
   • single STS-48 (STM-16/AU4-
      4c/AU4/AU3/TU3);
   • quad STS-12c (STM-4/AU4-4c);
   • quad STS-12 (STM-
      4/AU4/AU3/TU3).
• In single STS-48/STM-16 mode,
   supports a duplex 16-bit 155.52 MHz
   differential PECL line side interface for
   direct connection to external clock
   recovery, clock synthesis and
   serializer-deserializer components.
• In quad STS-12/STM-4 mode,
   supports four duplex 8-bit 77.76 MHz
   TTL compatible line side interfaces for
   direct connection to external clock
   recovery, clock synthesis and
   serializer-deserializer components.
• Provides termination for SONET
   Section, Line and Path overhead or
   SDH Regenerator Section, Multiplexer
   Section and High Order Path
   overhead.
• In single STS-48/STM-16 mode
   provides a 32-bit 77.76 MHz ADD and
   DROP TelecomBus.
• In quad STS-12/STM-4 mode provides
   four 8-bit 77.76 MHz ADD and DROP
   TelecomBus Interfaces.
• Maps SONET/SDH payloads to
   system timing, accommodating
   plesiochronous timing offsets between
   the line and system timing references,
   through pointer processing.
• The entire SONET/SDH transport and
   path overheads are extracted to and
   inserted from dedicated pins.
• Frames to the SONET/SDH receive
   stream and inserts framing bytes and
   STS identification into the transmit
   stream and processes or inserts the
   transport overhead.
• Interprets or generates the STS (AU)
   pointer bytes (H1, H2, H3), extracts or
   inserts the synchronous payload
   envelope(s) and processes or inserts
   the path overhead.
• Provides Time Slot Interchange (TSI)
   function at the ADD and DROP
   TelecomBus Interfaces for grooming
   any legal mix of SONET/SDH paths.
• Supports Automatic Protection
   Switching (APS):
   • Ring control port communication of
      path REI and path RDI alarms;
   • Filters the APS channel (K1,K2)
      bytes into internal registers; inserts
      the APS channel into the transmit
      stream.
• Supports line loopback from the line
   side receive stream to the transmit
   stream and diagnostic loopback from
   an ADD TelecomBus interface to a
   DROP TelecomBus interface.
• Provides a standard five signal IEEE
   1149.1 JTAG test port for boundary
   scan board test purposes.
• Provides a generic 16-bit
   microprocessor bus interface for
   configuration, control, and status
   monitoring.
• Low power 1.8 V CMOS core logic with
   3.3 V CMOS/TTL compatible digital
   inputs and digital outputs. PECL inputs
   and outputs are 3.3 V compatible.
• Industrial temperature range (-40°C to +85°C).
• 520 pin Super BGA package.

APPLICATIONS
• Channelized STS-48/STM-16 or 4 x STS-12/STM-4 Interfaces for:
   • Optical Cross Connects;
   • Digital Cross Connects;
   • Router and Switch Line Cards;
   • ADM Aggregate Cards for TDM and Multiservice applications;
   • Terminal Multiplexers.




Similar Part No. - PM5315

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
logo
Schneider Electric
PM5310 SCHNEIDER-PM5310 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
PM5310R SCHNEIDER-PM5310R Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
More results


Similar Description - PM5315

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5364 PMC-PM5364 Datasheet
68Kb / 2P
SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com