Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5342 Datasheet (PDF) - PMC-Sierra, Inc

PM5342 Datasheet PDF - PMC-Sierra, Inc
Part # PM5342
Download  PM5342 Download
File Size   60.61 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner

PM5342 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5342 Datasheet PDF - PMC-Sierra, Inc

Part # PM5342
Download  PM5342 Click to download

File Size   60.61 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner

PM5342 Datasheet (HTML) - PMC-Sierra, Inc


PM5342 Product details

FEATURES
• Monolithic SONET/SDH PAYLOAD EXTRACTOR/ALIGNER for use in STS-1
   (STM-0/AU3), STS-3 (STM-1/AU3) or STS-3c (STM-1/AU4) interface
   applications, operating at serial interface speeds of up to 155.52 Mbit/s.
• Provides integrated clock recovery and clock synthesis to allow a direct
   interface to optical modules.
• Provides termination for SONET Section and Line, SDH Regenerator Section
   and Multiplexer Section transport overhead, and path overhead of one or
   three STS-1 (STM-0/AU3) paths or a single STS-3c (STM-1/AU4) path.
• Maps one or three STS-1 (STM-0/AU3) payloads or a single STS-3c
   (STM-1/AU4) payload to system timing reference, accommodating
   plesiochronous timing offsets between the references through pointer
   processing.
• Maps a DS3 bit stream into a STS-1 (STM-0/AU3) frame or three DS3 bit
   streams into a STS-3 (STM-1/AU3) frame.
• Provides clear-channel mapping of three 49.536 Mbit/s or 48.384 Mbit/s
   arbitrary data streams into an STS-3 (STM-1/AU3) frame or a single arbitrary
   data stream into an STS-1 (STM-0/AU3) frame. Provides clear-channel
   mapping of a single 149.76 Mbit/s arbitrary data stream into an STS-3c
   (STM-1/AU4) frame.
• Provides versatile datamode interface and optional x^43+1 payload
   scrambling/descrambling to support Packet Over SONET applications.
• Supports line loopback from the line side receive stream to the transmit
   stream and diagnostic loopback from a Telecom ADD bus interface to a
   Telecom DROP bus interface.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
   test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration,
   control, and status monitoring.
• Low power +5 Volt CMOS. Device has PECL and TTL compatible inputs and
   TTL outputs.
• 256 pin Super BGA package. Supports Industrial Temperature Range (-40°C
   to 85°C) operation.

APPLICATIONS
• SONET/SDH Add Drop Multiplexers
• SONET/SDH Terminal Multiplexers
• SONET/SDH Line Multiplexers
• SONET/SDH Cross Connects
• SONET/SDH Tandem Path Termination Equipment
• SONET/SDH Test Equipment
• Switches and Hubs
• Routers




Similar Part No. - PM5342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5342 PMC-PM5342 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
PM5342-BI PMC-PM5342-BI Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
More results


Similar Description - PM5342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com