Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5317 Datasheet (PDF) - PMC-Sierra, Inc

PM5317 Datasheet PDF - PMC-Sierra, Inc
Part # PM5317
Download  PM5317 Download
File Size   82.2 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s

PM5317 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5317 Datasheet PDF - PMC-Sierra, Inc

Part # PM5317
Download  PM5317 Click to download

File Size   82.2 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s

PM5317 Datasheet (HTML) - PMC-Sierra, Inc


PM5317 Product details

FEATURES
• Monolithic single channel STS-192/STM-64 or quad channel STS-48/STM-16 SONET/SDH Payload extractor/aligner.
• Designed for use in interface applications operating at serial interface speeds of up to OC-192 rates:
   • single STS-192c (STM-64/ AU4-64c);
   • single STS-192 (STM-64/AU4- 16c/AU4-4c/AU4/AU3) channelized to STS-1;
   • quad STS-48c (STM-16/AU4-16c);
   • quad STS-48 (STM-16/ AU4-4c/AU4/AU3);
   • pointer processing for STS-1, STS-3c, STS-12c, STS-24c, STS- 48c, and STS-192c traffic.
• In single STS-192/STM-64 mode, supports a duplex 16-bit 622 MHz LVDS line side interface for direct connection to external clock recovery, clock synthesis and serializerdeserializer components.
• In quad STS-48/STM-16 mode, supports four duplex 4-bit 622 MHz LVDS line side interfaces for direct connection to external clock recovery, clock synthesis and serializerdeserializer components.
• Standard OIF SFI-4 (16 x 622 Mbit/s) line side interface.
• Each channel provides termination for SONET Section, Line and Path overhead or SDH Regenerator Section, Multiplexer Section and High Order Path overhead.
• Provides a 16-bit 622 Mbit/s 8B10B encoded (777.7 MHz) ADD and DROP serial TelecomBus interface for grooming a single STS-192/STM-64 stream.
• Provides four 4-bit 622 Mbit/s 8B10B encoded (777.7 MHz) ADD and DROP serial TelecomBus interfaces for grooming four STS-48/STM-16 streams.
• Maps SONET/SDH payloads to system timing, accommodating plesiochronous timing offsets between the line and system timing references, through pointer processing.
• Provides STS-12 cross-connect capability for grooming traffic at the ADD and DROP TelecomBus interface.
• The entire SONET/SDH transport overhead is extracted to and inserted from dedicated pins. Path BIP-8 error counts are extracted to dedicated pins.
• Frames to the SONET/SDH receive stream, inserts framing bytes and STS identification into the transmit stream, and processes or inserts the transport overhead.
• Interprets or generates the STS (AU) pointer bytes (H1, H2, H3), extracts or inserts the synchronous payload envelope(s) and processes or inserts the path overhead.
• Supports Automatic Protection Switching (APS):
   • Ring control port communication of path REI and path RDI alarms;
   • Filters the APS channel (K1,K2) bytes into internal registers; inserts the APS channel into the transmit stream.
• Supports line loopback from the line side receive stream to the transmit stream and diagnostic loop-back from an ADD TelecomBus interface to a DROP TelecomBus interface.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 16-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power, 1.8 V CMOS core logic with 3.3 V CMOS/TTL digital inputs and digital outputs (2.5 V tolerant).
• Industrial temperature range (-40 °C to +85 °C).
• 1152 pin FCBGA package.

APPLICATIONS
• Channelized STS-192/STM-64 or 4 x STS-48/STM-16 Interfaces for:
   • Optical cross connects;
   • Digital cross connects;
   • Router and switch line cards;
   • ADM aggregate cards for TDM and multiservice applications;
   • Terminal multiplexers;
   • SONET/SDH test equipment.




Similar Part No. - PM5317

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
logo
Schneider Electric
PM5310 SCHNEIDER-PM5310 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
PM5310R SCHNEIDER-PM5310R Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
More results


Similar Description - PM5317

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5364 PMC-PM5364 Datasheet
68Kb / 2P
SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
PM5369 PMC-PM5369 Datasheet
73Kb / 2P
Tributary Unit Payload Processor for 9953 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com