Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5369 Datasheet (PDF) - PMC-Sierra, Inc

PM5369 Datasheet PDF - PMC-Sierra, Inc
Part # PM5369
Download  PM5369 Download
File Size   73.02 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Tributary Unit Payload Processor for 9953 Mbit/s

PM5369 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5369 Datasheet PDF - PMC-Sierra, Inc

Part # PM5369
Download  PM5369 Click to download

File Size   73.02 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Tributary Unit Payload Processor for 9953 Mbit/s

PM5369 Datasheet (HTML) - PMC-Sierra, Inc


PM5369 Product details

FEATURES
• Configurable, multi-channel payload processor for aligning SONET virtual tributaries (VTs) or SDH tributary units (TUs) in an STS-192/STM-64 or STS-48/STM-16 data stream.
• Supports High Order (STS/AU) pointer processing, payload processing, and path termination/monitoring.
• Supports Low Order (VT/TU) pointer processing, payload processing, and path monitoring.
• On the line side, provides working Serial Receive and Transmit ESSI (Extended SONET Serial Interface) CML links. Links are configurable as:
   • 4xSTS-48/STM-16 2488.32 Mbit/s SONET/SDH framed interfaces; or
   • 4xSTS-12/STM-4 622.08 Mbit/s SONET/SDH framed interfaces.
• On the system side, provides working Add and Drop Serial ESSI links. Links are configurable as:
   • 4xSTS-48/STM-16 2488.32 Mbit/s SONET/SDH framed interfaces; or
   • 4xSTS-12/STM-4 622.08 Mbit/s SONET/SDH framed interfaces.
• Independently configurable (2488.32 Mbit/s or 622.08 Mbit/s) Line and System Interfaces.
• Provides a set of Ingress and Egress shared protection links.
• Provides a per-link Space switch on egress interfaces.
• Provides a steady-state latency of:
   • 21 µs from line Receive to system DROP for VT1.5.
   • 2.5 µs from system ADD to line TX.
• Provides hardware based Message Assisted Protection Switching (MAPS) support to work with a centralized fabric (e.g. PM5370 WSE 40).
• Supports independent Line Receive and System Drop transport frame alignment for high-order traffic.
• Supports independent transport, highorder payload and tributary multi-frame alignments for low-order traffic.
• Supports independent Line Transmit and System Add transport frame alignments.
• On the receive path, provides optional SDH payload conversion of:
   • AU4/VC4/TUG3/TU3/VC3/C3 to AU3/VC3/C3; or
   • AU3/VC3/C3 to AU4/VC4/TUG3/TU3/VC3/C3; or
   • AU4/VC4/TUG3/TUG2 to AU3/VC3/TUG2; or
   • AU3/VC3/TUG2 to AU4/VC4/TUG3/TUG2.
• On the transmit path, provides optional SDH payload conversion of:
   • AU3/VC3/C3 to AU4/VC4/TUG3/TU3/VC3/C3; or
   • AU4/VC4/TUG3/TUG2 to AU3/VC3/TUG2; or
   • AU3/VC3/TUG2 to AU4/VC4/TUG3/TUG2.
• Allows for low order (VT/TU) processing bypass.
• Supports high-order ESSI transport overhead transparency.
• Supports line and system diagnostic and facility loopbacks.
• Provides optional PRBS generation and monitoring features for ESSI offline link verification.
• Provides a generic 16-bit microprocessor bus interface for configuration, control, and status monitoring.
• Provides a standard 5-signal IEEE 1149.1 JTAG test port for boundary scan test purposes.
• Implemented in a 1.2 V core and 2.5 V I/O 0.13µm CMOS technology. Inputs are 3.3 V tolerant.
• Packaged in a 672-ball FCBGA top-hat, 27 mm x 27 mm.
• Power when full bandwidth is used (OC-192/STM-64 applications using 2.488 Mbit/s links) is 6.91 W typical.
• Power when 1/4 bandwidth is used (OC-48/STM-16 applications using 622 Mbit/s links) is 2.64 W typical.

APPLICATIONS
• SONET/SDH Add-Drop Multiplexer (ADM).
• SONET/SDH Digital Cross-connect (DCC).
• Multi-service Provisioning Platforms (MSPP).
• Multi-service ADM (MS-ADM).
• Multi-Service Switch.
• Optical Access Mux.
• Terminal Multiplexers.




Similar Part No. - PM5369

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM536 ARTESYN-PM536 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
PMC-Sierra, Inc
PM5361-EI PMC-PM5361-EI Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5361-RI PMC-PM5361-RI Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
More results


Similar Description - PM5369

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5363 PMC-PM5363 Datasheet
48Kb / 2P
VT/TU Payload Processor/Performance Monitor for 622 Mbit/s
PM5364 PMC-PM5364 Datasheet
68Kb / 2P
SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com