Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5363 Datasheet (PDF) - PMC-Sierra, Inc

PM5363 Datasheet PDF - PMC-Sierra, Inc
Part # PM5363
Download  PM5363 Download
File Size   3491.75 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES

PM5363 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5363 Datasheet PDF - PMC-Sierra, Inc

Part # PM5363
Download  PM5363 Click to download

File Size   3491.75 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES

PM5363 Datasheet (HTML) - PMC-Sierra, Inc


PM5363 Product details

FEATURES

The TUPP+622 chip offers the following features:



• A configurable, multi-channel, payload processor for alignment of SONET Virtual Tributaries or SDH Tributary Units in an STS-12/STM-4 or four STS-3/STM-1 byte serial data streams. Configurable to process any legal mix of tributaries.

• Provides independently-configurable AU3/AU4 frame format on incoming and outgoing directions.

• Compensates for pleisiochronous relationships between incoming and outgoing higher level (STS-1 to AU3) synchronous payload envelope frame rates through processing of the lower level (VT6 to TU11) tributary pointers.

• Provides for multiframe synchronization or ring closure at the head-end node in a SONET/SDH ring.

• Optionally frames to the H4 byte in the Path overhead to determine tributary multiframe boundaries.

• Inserts valid pointers, and all-zeros transport overhead bytes on the outgoing stream with valid “Telecombus” control signals.

• Independently-configurable incoming and outgoing interfaces that operate in 19.44 MHz or 77.76 MHz byte interface modes.

• Provides a standard JTAG test port for boundary scan board test purposes.

• Provides a generic 8-bit microprocessor bus interface.

• Low power 2.5V CMOS core logic/3.3V TTL compatible inputs and outputs

• Available in a 304-pin SBGA package.

• Supports industrial temperature range (-40°C to 85°C) operation.

• Extracts and serializes the entire tributary Path overhead of each tributary.

• Detects tributary elastic store underflow and overflow errors.

• Stores and processes 16-byte or 64-byte format tributary Path trace messages (tributary trail trace identifiers). Detects tributary Path Trace Mismatch and unstable alarms.

• Detects tributary Path Signal Label Mismatch and unstable alarms.

• Extracts tributary Path signal label into internal registers and detects Change of Tributary Path Signal Label events for each tributary.

• Detects tributary unequipped defect, tributary Path Defect Indication, and the assertion and removal of tributary extended Remote Defect Indications.

• Extracts and stores tributary size bits.

• Calculates and compares the tributary Path BIP-2 error detection code.

  Accumulates the BIP-2 errors and tributary Path Remote Error Indications on a block or bit basis.



APPLICATIONS

Use the TUPP+622 chip in the following applications:



• SONET/SDH Add/Drop and Terminal Multiplexers

• SONET/SDH Broadband Cross-Connects

• SONET/SDH and ATM Test Equipment



 




Similar Part No. - PM5363

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5363 PMC-PM5363 Datasheet
48Kb / 2P
VT/TU Payload Processor/Performance Monitor for 622 Mbit/s
More results


Similar Description - PM5363

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
SONET/SDH Interface for 622 & 155 Mbit/s
PM5364 PMC-PM5364 Datasheet
68Kb / 2P
SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
PM5369 PMC-PM5369 Datasheet
73Kb / 2P
Tributary Unit Payload Processor for 9953 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com