Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5364 Datasheet (PDF) - PMC-Sierra, Inc

PM5364 Datasheet PDF - PMC-Sierra, Inc
Part # PM5364
Download  PM5364 Download
File Size   68.26 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s

PM5364 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5364 Datasheet PDF - PMC-Sierra, Inc

Part # PM5364
Download  PM5364 Click to download

File Size   68.26 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s

PM5364 Datasheet (HTML) - PMC-Sierra, Inc


PM5364 Product details

FEATURES
• Configurable, multi-channel, payload processor for aligning SONET virtual tributaries (VTs) or SDH tributary units (TUs) in an STS-48/STM-16 or four STS-12/STM-4 byte serial data streams.
• Supports High Order (STS/AU) pointer processing, payload processing, and path termination/monitoring.
• Supports Low Order (VT/TU) pointer processing, payload processing and path monitoring.
• Integrates 4 x STS-12/STM-4 VT level payload processors, 2 x ingress and egress STS-1/STM-0 granular time slot interchanges, 8 x ingress and egress STS-12/STM-4 VT level time switches, and an STS-192/STM-64 VT level space switch (crossbar).
• Integrated crossbar allows for hair-pinning and OC-48 Add Drop Mux (ADM) functionality.
• Can be set up to operate in one of four applications:
   • Hair-pinning (from line ingress to line egress).
   • OC-48 ADM with internal crossbar.
   • NxOC-48 ADM with external crossbar (internal crossbar is bypassed).
   • Payload Processing Only Configuration.
• On the line side, provides a 4 x 8-bit or 32-bit 77.76 MHz parallel TelecomBus interface as well as redundant working and protect ingress and egress serial RASIO™ links. Links are configurable as:
   • 4 x STS-12/STM-4 622.08 Mbit/s SONET/SDH framed interfaces.
   • 4 x STS-12/STM-4 777.6 Mbit/s 8B/10B encoded TelecomBus interfaces.
   • 1 x STS-48/STM-16 2.488 Gbit/s SONET/SDH framed interface. This is tied to one link and the other three links are unused.
• On the system side, provides redundant working and protect ingress and egress serial RASIO links. Links are configurable as:
   • 8 x STS-12/STM-4 622.08 Mbit/s SONET/SDH framed interfaces.
   • 8 x STS-12/STM-4 777.6 Mbit/s 8B/10B encoded TelecomBus interfaces.
• Independently configurable line and system interface rates.
• Provides optional PRBS generation and monitoring features for CML off-line link verification.
• Supports Signal Fail (SF) and Signal Degrade (SD) for each VT/TU path and provides user-provisionable BER thresholds for each SD/SF test that range from 10-3 to 10-12.
• Supports contiguously concatenated payloads (STS-3c, STS-12c/AU-4-4c, STS-48c/AU-4-16c).
• On the ingress path, provides optional SDH payload conversion of:
   • AU3/VC3/C3 to an AU4/VC4/TUG3/TU3/VC3/C3.
   • AU3/VC3/TUG2 to AU4/VC4/TUG3/TUG2.
   • AU4/VC4/TUG3/TU3/VC3/C3 to AU3/VC3/C3.
   • AU4/VC4/TUG3/TUG2 to AU3/VC3/TUG2.
• On the egress path, provides optional SDH payload conversion of an AU3/VC3/C3 to an AU4/VC4/TUG3/TU3/VC3/C3.
• Supports any legal mix of VT1.5, VT2, VT3, VT6, TU11, TU12, TU2, or TU3 tributaries. Each VT group or TUG2 can be configured to carry one of four tributary types. TUG2s can be multiplexed into VC3s or TUG3s. Each TUG3 can also be configured to carry a single TU3.

APPLICATIONS
• SONET/SDH Add-Drop Multiplexer.
• SONET/SDH Digital Cross-Connect .
• Multi-Service Provisioning Platforms (MSPP).
• Multi-Service ADM (MS-ADM).
• Multi-Service Switch.
• Optical Access Mux.
• Terminal Multiplexers.




Similar Part No. - PM5364

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM536 ARTESYN-PM536 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
PMC-Sierra, Inc
PM5361-EI PMC-PM5361-EI Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5361-RI PMC-PM5361-RI Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
More results


Similar Description - PM5364

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5371 PMC-PM5371 Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5369 PMC-PM5369 Datasheet
73Kb / 2P
Tributary Unit Payload Processor for 9953 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5371TUDX PMC-PM5371TUDX Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com