Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5342 Datasheet (PDF) - PMC-Sierra, Inc

PM5342 Datasheet PDF - PMC-Sierra, Inc
Part # PM5342
Download  PM5342 Download
File Size   59.74 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner

PM5342 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5342 Datasheet PDF - PMC-Sierra, Inc

Part # PM5342
Download  PM5342 Click to download

File Size   59.74 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SONET/SDH Payload Extractor/Aligner

PM5342 Datasheet (HTML) - PMC-Sierra, Inc


PM5342 Product details

FEATURES
• Monolithic, SONET/SDH Payload
   Extractor/Aligner for use in STS-1
   (STM-0/AU3), STS-3 (STM-1/AU3) or
   STS-3c (STM-1/AU4) interface
   applications, operating at serial interface
   speeds up to 155.52 Mbit/s.
• Provides integrated clock recovery and
   clock synthesis to allow a direct interface
   to optical modules.
• Provides termination for SONET Section
   and Line, SDH Regenerator Section and
   Multiplexer Section transport overhead,
   and Path overhead of one or three
   STS-1 (STM-0/AU3) paths or a single
   STS-3c (STM-1/AU4) path.
• Maps one or three STS-1 (STM-0/AU3)
   payloads or a single STS-3c (STM-1/
   AU4) payload to system timing
   reference, accommodating
   plesiochronous timing offsets between
   the references through pointer
   processing.
• Maps three DS3 bit streams into a
   STS-3 (STM-1/AU3) frame.
• Maps three serial data streams (e.g.,
   Frame Relay, PPP, or Ethernet
   Payload) into a single serial data
   stream into a STS-1 (STM-0/AU3) or
   STS-3c (STM-1/AU4) payload.
• Supports line loopback from the line
   side receive stream to the transmit
   stream and diagnostic loopback from a
   Telecom ADD bus interface to a
   Telecom DROP bus interface.
• Provides a standard 5-signal P1149.1
   JTAG test port for boundary scan
   board test purposes.
• Provides a generic 8-bit
   microprocessor bus interface for
   configuration, control, and status
   monitoring.
• Low power, +5 V, CMOS technology.
   Device has PECL- and TTLcompatible inputs and TTL outputs.
• Available in a 256-pin, Super Ball Grid
   Array (SBGA) package.
• Supports industrial temperature range
   (-40°C to 85°C) operation.

BACKPLANE/DEVICE MODES
• Telecom Byte.
• Telecom Nibble.
• Telecom Serial.
• Datacom Byte.
• Datacom Nibble.
• Datacom Serial.
• Datacom T3.

APPLICATIONS
• SONET/SDH Add/Drop Multiplexers
• SONET/SDH Terminal Multiplexers
• SONET/SDH Digital Cross-Connects
• Channelized Routers and Switches
• Packet Over SONET Router and Switches




Similar Part No. - PM5342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5342-BI PMC-PM5342-BI Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
More results


Similar Description - PM5342

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com